Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet (PDF) - Wolfson Microelectronics plc

WM2148 Datasheet PDF - Wolfson Microelectronics plc
Part # WM2148
Download  WM2148 Download
File Size   255.83 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 14-bit 8MSPS Analogue-To-Digital Converter

WM2148 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM2148 Datasheet PDF - Wolfson Microelectronics plc

Part # WM2148
Download  WM2148 Click to download

File Size   255.83 Kbytes
Page   14 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description 14-bit 8MSPS Analogue-To-Digital Converter

WM2148 Datasheet (HTML) - Wolfson Microelectronics plc


WM2148 Product details

DESCRIPTION
The WM2148 is a 14-bit, 8 MSPS analogue to digital converter with an on-chip voltage reference, high bandwidth sample and hold amplifier and programmable gain. The analogue input is differential, giving excellent common-mode noise immunity and low distortion.

FEATURES
• 14-bit resolution ADC
• 8 MSPS conversion rate
• Differential input
• 3.3V single supply
• Very low current power down mode - 20µA typical
• Microprocessor compatible parallel interface
• Internal or external voltage reference
• High bandwidth sample and hold amplifier
    - 140MHz full-power bandwidth
• Programmable Gain Amplifier (PGA)
• Programmable DC offset
• Binary or two’s complement output format
• Out of range indicator
• 48-pin TQFP package, body thickness 1mm

APPLICATIONS
• Communications
• xDSL Front ends
• Industrial control
• Instrumentation




Similar Part No. - WM2148

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDT WOLFSON-WM2130CDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDV WOLFSON-WM2130CDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDT WOLFSON-WM2130IDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDV WOLFSON-WM2130IDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
More results


Similar Description - WM2148

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com