Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM2148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Production Data
WM2148
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
7
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Read Timing
Address and Chip select Setup
Time
tsu(OE-ACS)
CLoad = 15pF
4
ns
Output Enable
ten
CLoad = 15pF
15
ns
Output Disable
tdis
CLoad = 15pF
10
ns
Address Hold Time
th(A)
CLoad = 15pF
1
ns
Chip select Hold Time
th(CS)
CLoad = 15pF
0
ns
Note:
1.
All timing parameters refer to a 50% level.
WEB
CSB
X
D[0:13]
A[0:1]
X
DATA
XX
ADDRESS
t
su(WE-CS)
t
h(CS)
t
su(DA)
t
h(CS)
Figure 3 Write Timing
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Write Timing
Chip Select Setup Time
tsu(WEí&6
CLoad = 15pF
4
ns
Data and Address Setup Time
tsu(DA)
CLoad = 15pF
29
ns
Data and Address Hold Time
th(DA)
CLoad = 15pF
0
ns
Chip Select Hold Time
th(CS)
CLoad = 15pF
0
ns
Write Pulse Duration HIGH
twH(WE)
CLoad = 15pF
15
ns
Note
1.
Data is written to the addressed register at the rising edge of WEB. All timing parameters refer to a 50% level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com