Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM2148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
WM2148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
4
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
As per JEDEC specifications A112 and A113, this product requires specific storage conditions prior to surface mount assembly. It
has been classified as having a Moisture Sensitivity Level of 2 and as such will be supplied in vacuum-sealed moisture barrier
bags.
CONDITION
MIN
MAX
Analogue Supply Voltage (AVDD to AGND)
-0.3
4 V
Digital Supply Voltage (DVDD to DGND)
-0.3
4 V
Reference Input Voltage Range (VBG)
AGND -0.3V
AVDD +0.3V
Analogue Inputs Voltage Range
AGND -0.3V
AVDD +0.3V
Digital Inputs Voltage Range
DGND -0.3V
DVDD +0.3V
C suffix
0
°C+70°C
Operating temperature range (TA)
I suffix
-40
°C+85°C
Storage temperature
-65
°C
+150
°C
Lead temperature (soldering 10 seconds, 1.6 mm from package body)
+260
°C
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltages
(digital and analogue)
AVDD, DVDD
3.0
3.3
3.6
V
Reference Input Voltage
VBG
External reference
1.425
1.5
1.575
V
Digital Input HIGH Level
VIH
23.3
V
Digital Input LOW Level
VIL
00.8
V
Load Capacitance
CL
515
pF
Clock Frequency
fCLK
0.1
8
8
MHz
Clock Duty Cycle
40
50
60
%
C Suffix
0
25
70
Operating Free-air Temperature
TA
I Suffix
-40
25
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com