Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet(PDF) 3 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 3 Page - Wolfson Microelectronics plc

  WM2148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Production Data
WM2148
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
3
PIN
NAME
TYPE
DESCRIPTION
27
D2
Digital I/O
Data Bit 2
28
D1
Digital I/O
Data Bit 1
29
D0
Digital I/O
Data Bit 0
30
DVDDLOGIC
Supply
Positive Supply Voltage for Logic Block
31
DVDDCLK
Supply
Positive Supply Voltage for Clock
32
CLK
Digital Input
Sample Clock
33
DGNDCLK
Supply
Ground for Clock
34
DGNDCTRL
Supply
Ground for Control Pins
35
OEB
Digital Input
Output Enable (active low)
36
WRB
Digital Input
Write Signal (active low)
37
CSB
Digital Input
Chip Select (active low)
38
NC
Test Output
This pin must be left unconnected
39
NC
Test Output
This pin must be left unconnected
40
A1
Digital Input
Address Bit 1
41
A0
Digital Input
Address Bit 0
42
DVDDCTRL
Supply
Positive Supply for Control Pins
43
AVDD1
Supply
Positive Supply for ADC
44
AGND1
Supply
Ground for ADC
45
AVSUB
Substrate
ADC substrate
46
AGND2
Supply
Positive Supply for ADC Op-amps
47
AVDD2
Supply
Ground for ADC Op-amps
48
IN+
Analogue Input
Positive Differential Analogue Input
Note:
1.
It is recommended that each pair of supply pins, especially the analogue supplies, have a separate decoupling
capacitor. The most critical are pins 46 and 47. The ADC substrate (pin 45) should be as noise free as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com