Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 10Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 11Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 12Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Production Data
WM2148
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
9
ADDRESS
A1
A0
REGISTER
0
0
0
ADC Conversion Result
1
0
1
PGA gain
2
1
0
DC Offset
3
1
1
Control
Table 2 WM2148 Internal Registers
The ADC data register contains the result of the last analogue to digital conversion. It can also be
used to reset the device to its default state by writing a ‘1’ to the LSB (D0). This will set all the bits in
the gain, offset and control registers to ‘0’. All other bits should always be set to zero when writing to
the ADC data register.
The PGA gain is controlled using the last three bits of Address 1. The eight possible binary values of
000 to 111 (decimal 7) correspond to a gain of 0 to 7dB, respectively.
The lower byte of Address 2 holds the offset value (in LSBs). This value is added to the ADC data if
the DCO bit in the Control register is set. The offset is in Two’s complement format, providing a
range of -128 to +127 LSB.
REG. / BIT
D13
D12
D11
D10
D9D8
D7D6D5D4
D3D2
D1D0
ADC Data
MSB
……
………
…………
……
LSB/
SR
PGA Gain
X
X
X
XXX
XXXX
X
G2
G1
G0
DC Offset
X
X
X
X
X
X
MSB
………
……
LSB
Control
PWD
REF
FOR
TM2
TM1
TM0
DCO
XXX
XX
XX
Table 3 WM2148 Register Map
The Control register (address 3) has four bits to program the device’s operation and three test mode
bits. Setting the Power Down bit (PWD) takes the device into Power Down mode. DCO enables the
addition of the offset value held at Address 2 to the ADC output data. REF selects between internal
and external reference voltages, and FOR between unsigned binary and Two’s complement output
format.
BIT
DESCRIPTION
0
1
PWD
Power Down
Normal Operation
Power Down
REF
Reference Select
Internal Reference
External Reference
FOR
Output Format
Unsigned Binary
Two’s Complement
DCO
DC Offset
Enable
Disable
SR
Software Reset
Normal Operation
Reset
X
Reserved
Always set to 0 when writing to any register.
Table 4 Control Bits and Software Reset
The ADC core can be tested by selecting one of six different test modes, which apply various
voltages to the analogue inputs. This may be useful for calibration purposes. The test modes are
controlled by the three test mode bits in the control register, TM0 to TM2 (see Table 5 below).
TM2
TM1
TM0
FUNCTION
0
0
0
Normal Operation
0
0
1
Both inputs = REF-
010
IN+ at Vref/2, IN- at REF-
0
1
1
IN+ at REF+, IN- at REF-
1
0
0
Normal Operation
1
0
1
Both inputs = REF+
1
1
0
IN+ at REF-, IN- at Vref/2
1
1
1
IN+ at REF-, IN- at REF+
Table 5 Test Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com