Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM2148 Datasheet(PDF) 2 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 2 Page - Wolfson Microelectronics plc

  WM2148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
WM2148
Production Data
WOLFSON MICROELECTRONICS LTD
PD Rev 1.1 February 2001
2
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMP. RANGE
PACKAGE
WM2148CFT/V
0 to +70
oC
WM2148IFT/V
-40 to +85
oC
48-pin TQFP
1 mm thick body
IN-
WRB
DVDDLOGIC
CLK
DGNDCLK
DGNDCTRL
OEB
DGNDOP2
DVDDOP2
D2
D1
1
9
8
7
6
5
4
3
2
12
11
10
14
21
20
19
18
17
16
15
24
23
22
13
25
31
30
29
28
27
26
36
35
34
33
32
48
38
39
40
41
42
43
44
45
46
47
37
D0
DVDDCLK
AVDDREF
VBG
CML
REF+
REF-
AGNDREF
VSUB
DGNDLOGIC
OVI
D13
D12
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
IN-
Analogue Input
Negative Differential Analogue Input
2
AVDDREF
Supply
Positive Supply Voltage for Reference
3
VBG
Analogue I/O
Bandgap Voltage / External Reference
4
CML
Analogue Output
Reference Decoupling Point
5
REF+
Analogue Output
Positive Reference Voltage
6
REF-
Analogue Output
Negative Reference Voltage
7
AGNDREF
Supply
Reference Block Ground
8
VSUB
Supply
Device Substrate
9
DGNDLOGIC
Supply
Digital Ground for Logic Block
10
OVI
Digital Output
Out of Range Indicator
11
D13
Digital I/O
Data Bit 13
12
D12
Digital I/O
Data Bit 12
13
D11
Digital I/O
Data Bit 11
14
DVDDOP1
Supply
Positive Supply for Output Drivers
15
DGNDOP1
Supply
Ground for Output Drivers
16
D10
Digital I/O
Data Bit 10
17
D9
Digital I/O
Data Bit 9
18
D8
Digital I/O
Data Bit 8
19
D7
Digital I/O
Data Bit 7
20
DVDDOP3
Supply
Positive Supply for Output Drivers
21
D6
Digital I/O
Data Bit 6
22
D5
Digital I/O
Data Bit 5
23
D4
Digital I/O
Data Bit 4
24
D3
Digital I/O
Data Bit 3
25
DGNDOP2
Supply
Ground for Output Drivers
26
DVDDOP2
Supply
Positive Supply for Output Drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com