Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16498 Datasheet (PDF) - NEC

UPD16498 Datasheet PDF - NEC
Part # UPD16498
Download  UPD16498 Download
File Size   697.38 Kbytes
Page   95 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM

UPD16498 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16498 Datasheet PDF - NEC

Part # UPD16498
Download  UPD16498 Click to download

File Size   697.38 Kbytes
Page   95 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM

UPD16498 Datasheet (HTML) - NEC


UPD16498 Product details

DESCRIPTION
The µPD16498 is a controller/driver which includes display RAM for full-dot LCDs that can provide a four-level gray scale display. This IC is able to drive full-dot LCDs that contain up to 128 x 128 dots.

FEATURES
• LCD controller/driver with on-chip display RAM
• Full dot outputs: 128 segment outputs and 128 common outputs
• Static icon outputs: 20 segment outputs and 2 common outputs (same signal is output)
• Can operate using single power supply (logic system) in range from 1.7 to 3.6 V.
• Selection of four levels of gray scales from among 33 possible levels (four-frame rate control + 8 pulse width modulation)
• Serial data input and 8-bit parallel data input (i80 series interface and M68 series interface)
• Dot display RAM: 128 x 128 x 2 bits
• On-chip booster: Switchable from x2 to x9 modes
• Selectable bias levels: 1/12 to 1/7 bias (normal display), 1/6 or 1/5 bias (partial display)
• Duty settings: 1/128 to 1/1 duty
• On-chip voltage divider resistor
• On-chip oscillator




Similar Part No. - UPD16498

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16430A NEC-UPD16430A Datasheet
130Kb / 24P
1/2, 1/3, 1/4 DUTY LCD CONTROLLER/DRIVER
logo
Renesas Technology Corp
UPD16430A RENESAS-UPD16430A Datasheet
262Kb / 26P
MOS INTEGRATED CIRCUIT
1994
logo
NEC
UPD16430AGF-3B9 NEC-UPD16430AGF-3B9 Datasheet
130Kb / 24P
1/2, 1/3, 1/4 DUTY LCD CONTROLLER/DRIVER
logo
Renesas Technology Corp
UPD16430AGF-3B9 RENESAS-UPD16430AGF-3B9 Datasheet
262Kb / 26P
MOS INTEGRATED CIRCUIT
1994
logo
NEC
UPD16431A NEC-UPD16431A Datasheet
179Kb / 34P
1/2, 1/3, 1/4-DUTY LCD CONTROLLER/DRIVER
More results


Similar Description - UPD16498

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16682 NEC-UPD16682 Datasheet
435Kb / 31P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Samsung semiconductor
KS0741 SAMSUNG-KS0741 Datasheet
985Kb / 74P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
logo
NEC
UPD161401 NEC-UPD161401 Datasheet
647Kb / 124P
256-COLOR, 1/80-DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
logo
Samsung semiconductor
S6B1741 SAMSUNG-S6B1741 Datasheet
472Kb / 78P
128 SEG / 129 COM DRIVER & CONTROLLER FOR 4 GRAY SCALE STN LCD
logo
NEC
UPD16488A NEC-UPD16488A Datasheet
2Mb / 91P
1/92 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
UPD16682A NEC-UPD16682A Datasheet
330Kb / 55P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
UPD16686 NEC-UPD16686 Datasheet
788Kb / 99P
1/128 DUTY LCD CONTROLLER/DRIVER WITH FOUR-LEVEL GRAY SCALE, ON-CHIP RAM
logo
New Japan Radio
NJU6680 NJRC-NJU6680 Datasheet
480Kb / 56P
128-common x 128-segment 4-level Gray Scale BITMAP LCD DRIVER
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16682 RENESAS-PD16682_15 Datasheet
557Kb / 58P
1/65 DUTY LCD CONTROLLER/DRIVER WITH ON-CHIP RAM
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com