Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7586S Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7586S Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7586S
Download  ST7586S Download
File Size   675.96 Kbytes
Page   63 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4-Level Gray Scale Dot Matrix LCD Controller/Driver

ST7586S Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7586S Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7586S
Download  ST7586S Click to download

File Size   675.96 Kbytes
Page   63 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4-Level Gray Scale Dot Matrix LCD Controller/Driver

ST7586S Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7586S Product details

INTRODUCTION

ST7586S is a driver & controller LSI for 4-level gray scale graphic dot-matrix liquid crystal display systems. It contains 384-segment and 160-common driver circuits. This chip can be connected directly to a microprocessor which accepts 8-bit parallel interface (8080-series or 6800-series type), 4-Line serial interface or 3-Line serial interface. Display data is stored into an on-chip Display Data RAM (DDRAM). It performs the Display Data RAM read/write operation without external operating clock, and the power consumption can be minimized. In addition, since all necessary power supply circuits for LCD system are built-in, ST7586S constructs a LCD display system with the fewest components.



FEATURES

Single-chip LCD controller/driver

Driver Output Circuits

  ♦ 384 segment outputs / 160 common outputs

On-chip Display Data RAM

  ♦ Capacity: 384 x 160 x 2 = 122,880 bits

Various Partial Display Features

  ♦ Applicable partial duty

  ♦ Partial window moving & data scrolling

Microprocessor Interface

  ♦ 8-bit parallel bi-directional interface supports 6800-series or 8080-series MPU

  ♦ 4-Line serial interface

  ♦ 3-Line (9-bit) serial interface

On-chip Low Power Analog Circuit

  ♦ On-chip oscillator circuit

  ♦ Voltage booster with built-in boost-capacitors

  ♦ Extremely few external components: 4 capacitors

  ♦ Built-in voltage regulator with programmable contrast

  ♦ Built-in voltage follower supports LCD bias voltage Available bias: 1/9 ~ 1/14

Operating Voltage Range

  ♦ Digital Power (VDD1): 1.8V ~ 3.3V (TYP.)

  ♦ Analog Power (VDD2~VDD5, VDDX):  2.8V ~ 3.3V (TYP.)

  ♦ LCD operation voltage (Vop = V0-XV0) : 18V




Similar Part No. - ST7586S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
ST7580TR STMICROELECTRONICS-ST7580TR Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7586S

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com