Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7528 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7528 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7528
Download  ST7528 Download
File Size   1107.98 Kbytes
Page   97 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 16 Gray Scale Dot Matrix LCD Controller/Driver

ST7528 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7528 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7528
Download  ST7528 Click to download

File Size   1107.98 Kbytes
Page   97 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 16 Gray Scale Dot Matrix LCD Controller/Driver

ST7528 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7528 Product details

INTRODUCTION

The ST7528 is a driver & controller LSI for 16-level gray scale graphic dot-matrix liquid crystal display systems. It contains 2 Mode(160X100,132X128) for Segment andCommon driver circuits. This chip is connected directlyto a microprocessor, accepts Serial Peripheral Interface (SPI), IIC or 8-bitparalleldisplay data and stores in an on-chip display data RAM of 160 x  129  x  4  bits.  It  performs  display  data  RAM  read/write  operation  with  no  external  operating  clock  to  minimize  power consumption. In addition, because it contains power supply circuits necessary to drive liquid crystal, it is possible to make a display system with thefewest components.



FEATURES

16-level (White Mode ~Dark Mode) Gray Scale Display with PWMand FRC Methods



Driver OutputCircuits

-Mode 0: 132 segment outputs/ 128+1 common outputs(16-level gray scale)

-Mode 1: 160 segment outputs/ 100+1 common outputs(16-level gray scale)



ApplicableDisplay Ratios

- Various partial display

- Partial window moving& data scrolling



On-chipDisplay Data RAM

- Capacity: 129 ´ 160 ´ 4 = 82,560 bits

- 16-Gray Level display dot is illuminated by 4 bit data control



Microprocessor Interface

- 8-bit parallel bi-directional interface with 6800-series or 8080-series

- 4-line serial interface (4-line-SIF)

- 3-line serial interface (3-line-SIF)

- IIC serial interface



On-chip Low Power AnalogCircuit

- On-chip oscillator circuit

- Voltage converter (x3, x4, x5 or x6)

- Voltageregulator (temperature coefficient: -0.125%/°C, or external input)

- On-chip electronic contrast controlfunction(64 steps X 8)

- Voltagefollower (LCD bias: 1/5to 1/12)



Operating Voltage Range

- Supply voltage(VDD): 1.8 to 3.3V (VDD2): 2.4 to 3.3V

- LCD driving voltage(VLCD =V0- VSS): 3.5 to 15.0V Package Type

- Application for COG




Similar Part No. - ST7528

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75285CTR STMICROELECTRONICS-ST75285CTR Datasheet
300Kb / 13P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
More results


Similar Description - ST7528

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com