Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7528 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7528 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 97 page
background image
ST7528
Ver2.3
2/97
2007/1/3
Microprocessor Interface
− 8-bit parallel bi-directional interface with 6800-series or 8080-series
− 4-line serial interface (4-line-SIF)
− 3-line serial interface (3-line-SIF)
− IIC serial interface
On-chip Low Power Analog Circuit
− On-chip oscillator circuit
− Voltage converter (x3, x4, x5 or x6)
− Voltage regulator (temperature coefficient: -0.125%/°C, or external input)
− On-chip electronic contrast control function (64 steps X 8 )
− Voltage follower (LCD bias: 1/5 to 1/12)
Operating Voltage Range
− Supply voltage (VDD): 1.8 to 3.3V
(VDD2): 2.4 to 3.3V
− LCD driving voltage (VLCD = V0 - VSS): 3.5 to 15.0 V
Package Type
− Application for COG
ST7528
6800 , 8080 ,
4-Line , 3-Line interface
(without IIC interface)
ST7528i
IIC interface
Note1: we would like to recommend to use the external VOUT when the panel is large than 1.8 inch
Note2: we would like to recommend to set lower VOP than 12 voltage, when the panel size is large like 1.6 inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com