Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7528 Datasheet(PDF) 71 Page - Sitronix Technology Co., Ltd.

Part # ST7528
Description  16 Gray Scale Dot Matrix LCD Controller/Driver
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7528 Datasheet(HTML) 71 Page - Sitronix Technology Co., Ltd.

Back Button ST7528 Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 72Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 73Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 74Page - Sitronix Technology Co., Ltd. ST7528 Datasheet HTML 75Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 97 page
background image
ST7528
Ver2.3
71/97
2007/1/3
DC CHARACTERISTICS
VDD = 1.8 V to 3.3V; VSS = 0 V; VLCD = 3.0 to 13.0V; Tamb = -30℃ to +85℃; unless otherwise specified.
Rating
Item
Symbol Condition
Min.
Typ.
Max.
Units
Applicable
Pin
Operating Voltage (1)
VDD
1.8
—
3.3
V
Vss*1
Operating Voltage (2)
VDD2
(Relative to VSS)
2.4
—
3.3
V
VSS2
High-level Input Voltage
VIHC
0.7 x VDD —
VDD
V
*2
Low-level Input Voltage
VILC
VSS
—
0.3 x VDD V
*2
High-level Output Voltage
VOHC
IOH=1mA
0.7 x VDD —
VDD
V
*3
Low-level Output Voltage
VOLC
IOL=-1mA
VSS
—
0.3 x VDD V
*3
Input leakage current
ILI
VIN = VDD or VSS
–1.0
—
1.0
μ
A
*4
Output leakage current
ILO
VIN = VDD or VSS
–3.0
—
3.0
μ
A
*5
VOUT_IN =
15.0 V
—
2.0
3.5
Liquid Crystal Driver ON
Resistance
RON
Ta =
25°C
(Relative
To VSS)
VOUT_IN =
8.0 V
—
3.2
5.4
KΩ
SEGn
COMn *6
Internal Oscillator fOSC
570.57
600.6 630.63
kHz
*7
Default
Oscillator
Frequency
External
Input
fCL
570.57
600.6 630.63
kHz
OSC
Max OSC under FR=1,1,1,1
fOSC
Mode0
128 line
Ta = 25°C
60 PWM
767.52
959.4 1151.28
kHz
Mode 10 Default Frame
frequency
fFRAME
73.15
77
80.85
Hz
Rating
Item
Symbol
Condition
Min.
Typ.
Max.
Units Applicable Pin
Input voltage
VDD
(Relative To VSS)
1.8
—
3.3
V
Supply Step-up output
voltage Circuit
VOUT_OUT
(Relative To VSS)
—
—
18
V
VOUT_OUT
Voltage regulator
Circuit Operating
Voltage
VOUT_IN
(Relative To VSS)
—
—
18
V
VOUT_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com