Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7529 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7529 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7529
Download  ST7529 Download
File Size   1270.19 Kbytes
Page   86 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 32 Gray Scale Dot Matrix LCD Controller/Driver

ST7529 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7529 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7529
Download  ST7529 Click to download

File Size   1270.19 Kbytes
Page   86 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 32 Gray Scale Dot Matrix LCD Controller/Driver

ST7529 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7529 Product details

1.  INTRODUCTION

The ST7529 is a driver & controller LSI for 32 gray scale graphic dot-matrix liquid crystal display systems. It generates 255 Segment and 160 Common driver circuits. This chip isconnected directly to a microprocessor, accepts Serial Peripheral Interface (SPI), 8-bit/16-bit parallel or IIC displaydata and stores in an on-chip display data RAM. Itperforms display data RAM read/write operation with no external operatingclock to minimize power consumption. In addition, because it contains

power supply circuits necessary to drive liquid crystal, it is possible to make a display system with the fewest components.



2.  FEATURES

Driver Output Circuits

−255 segment outputs / 160 common outputs

−Maximum resolution is 255 x 160

Applicable Duty Ratios

− Various partial display

− Partial window moving & data scrolling

Microprocessor Interface

− 8/16-bit parallel bi-directional interface with 6800-series or 8080-series

−4-line serial interface (write only)

−9 bit 3-line serial interface (write only)

On-chip Display Data RAM

− Capacity : 160 x 255 x 5bit = 204000bits (Max)

On-chip Low Power Analog Circuit

− On-chip oscillator circuit

− Voltage converter (x2, x3, x4, x5, x6, x7, x8)

− Voltage regulator

− Voltage follower(LCD bias: 1/5, 1/7, 1/9, 1/10, 1/11, 1/12, 1/13, 1/14)

Operating Voltage Range

− Supply voltage (VDD, VDD1, VDD2, VDD3, VDD4, VDD5): 2.4 to 3.3V

− LCD driving voltage (VLCD = V0 - VSS): 3.76 to 18.0V

Temperature Gradient Coefficient

−  -0.130%/℃

LCD driving voltage (EEPROM) 

− To store contrast adjustment value for better display Package Type

− Application for COG and TCP




Similar Part No. - ST7529

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7522 SITRONIX-ST7522 Datasheet
633Kb / 45P
17 x 96 Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
ST75285CTR STMICROELECTRONICS-ST75285CTR Datasheet
300Kb / 13P
MULTIPLE RS-232 DRIVERS AND RECEIVERS
Dec-2002
More results


Similar Description - ST7529

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com