Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7571 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7571 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7571
Download  ST7571 Download
File Size   1387.36 Kbytes
Page   76 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4 Gray Scale Dot Matrix LCD Controller/Driver

ST7571 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7571 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7571
Download  ST7571 Click to download

File Size   1387.36 Kbytes
Page   76 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4 Gray Scale Dot Matrix LCD Controller/Driver

ST7571 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7571 Product details

INTRODUCTION

ST7571  is  a  driver  &  controller  LSI  for  4-level  gray  scale  graphic  dot-matrix  liquid  crystal  display  systems.  This  chip  is connected  directly  to  a  microprocessor ,  accepts  Serial  Peripheral  Interface  (SPI), I2C  or  8-bit  parallel  display  data  and stores in an on-chip display data RAM of 128 x 129 x 2 bits.



FEATURES

4-level (White, Light Gray , Dark Gray , Black) GrayScaleDisplay withPWM Method

Driver Output Circuits

-  128 segment outputs/ 128+1 common outputs

ApplicableDutyRatios

-  V ariouspartial display

-  Partial window moving& data scrolling

On-chipDisplayDataRAM

-  Capacity: 128 x 129 x 2= 33,024 bits

Microprocessor Interface

-  8-bitparallel interface supports

6800-series or 8080-series MCU

-  4-line serial interface(4-Line SPI)

-  3-line serial interface(3-Line 8-bit SPI)

-  I2C serial interface

On-chip LowPower  Analog Circuits

-  On-chip oscillator circuit

-  Build-in Voltage converter ( x8)

-  Voltageregulator (temperature gradient: -0.13%/°C)

-  On-chip contrast controlfunction(64 steps x 8)

-  Voltagefollower (LCD bias : 1/5to 1/12)

Operating V oltageRange

-  DigitalPower (VDD1): 1.8V~3.3V (cover 1.7V~3.4V)

-  AnalogPower (VDD2, VDD3): 2.7V~3.3V (cover 2.6V~3.4V)

Package Type

-  Application for COG




Similar Part No. - ST7571

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7571

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com