Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7575 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7575 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7575
Download  ST7575 Download
File Size   1133.3 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7575 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7575 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7575
Download  ST7575 Click to download

File Size   1133.3 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7575 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7575 Product details

INTRODUCTION
ST7575 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102-segment and 65-common with 1-icon-common driver circuits. This chip is connected directly to a microprocessor which accepts 3-line or 4-line serial peripheral interface (SPI) or 8-bit parallel interface. Display data stores in an on-chip display data RAM (DDRAM) of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Single-chip LCD Controller & Driver
Driver Output Circuits
102-segment / 65-common+1-icon-common (1/66 duty)
On-chip Display Data Ram
   - Capacity: 66X102= 6,732 bits Microprocessor Interface
   - 8-bit parallel bi-directional interface supports 6800-series or 8080-series MPU
   - 3-line & 4-line SPI (serial peripheral interface) are available (write only)
External RESB (reset) pin
Built-in oscillation circuit
   - Oscillator requires no external component
Low Power Consumption Analog Circuit
- Voltage booster (X4, X5)
- Voltage regulator generates LCD operating voltage
(Temperature Gradient: -0.11%/°C)
   - Electronic contrast control (128 steps)
   - Voltage follower generates LCD bias voltages(1/4 ~ 1/11 bias)
Wide supply voltage range
   - VDD1 – VSS1 : 1.8 ~ 3.3V
   - VDD2 – VSS2 : 2.4 ~ 3.3V
Display supply voltage range
   - Application Vop range : 8V ~ 9.5V
   - Programmable voltage (Vop) : 10.56V (max)
Temperature range: -30 to +85 °C
Support LCD Module Size up to 1.8”




Similar Part No. - ST7575

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com