Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7558 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7558 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7558
Download  ST7558 Download
File Size   753.42 Kbytes
Page   56 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 102 Dot Matrix LCD Controller/Driver

ST7558 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7558 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7558
Download  ST7558 Click to download

File Size   753.42 Kbytes
Page   56 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 102 Dot Matrix LCD Controller/Driver

ST7558 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7558 Product details

INTRODUCTION

The ST7558 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segment and 65 common with 1 ICOM driver circuits. This chip is connected directly to a microprocessor, accepts 4-line serial nterface (SPI), I2C interface or 8-bit parallel interface, display data can stores in an on-chip display data RAM of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.



FEATURES

Driver Output Circuits

102 segment outputs / 65 common outputs

On-chip Display Data Ram

  - Capacity: 66X102=6732 bits

Microprocessor Interface

  - 8-bit parallel bi-directional interface with 6800-series or 8080-series

  - 4-line SPI (serial peripheral interface) available (only write operation)

  - I2C (Inter-Integrated Circuit) Interface

On-chip Low Power Analog Circuit

  - Generation of LCD supply voltage (externally Vout voltage supply is possible)

  - Generation of intermediate LCD bias voltages

  - Oscillator requires no external components (external clock also possible)

  - Voltage converter (x2, x3, x4, x5)

  - Voltage regulator (temperature gradient -0.05%/°C)

  - Voltage follower

  - On-chip electronic contrast control function (128 stepsX2)

  - Liquid crystal driving voltage :

V0 -VSS = max 12 V (external power supply)

External RESB (reset) pin

Logic supply voltage range VDD -VSS

  - 1.8 to 3.3V

Temperature range: -30 to +85 degree




Similar Part No. - ST7558

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST755 STMICROELECTRONICS-ST755 Datasheet
80Kb / 9P
ADJUSTABLE INVERTING NEGATIVE OUTPUT CURRENT MODE PWM REGULATORS
Sep-1998
ST7554 STMICROELECTRONICS-ST7554 Datasheet
148Kb / 11P
V.90 USB WORLD MODEM CONTROLLER
Jan-1999
ST7554TQF7 STMICROELECTRONICS-ST7554TQF7 Datasheet
148Kb / 11P
V.90 USB WORLD MODEM CONTROLLER
Jan-1999
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST755C STMICROELECTRONICS-ST755C Datasheet
311Kb / 16P
Adjustable inverting negative output current mode PWM regulators
06-Jul-2007
More results


Similar Description - ST7558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7568 SITRONIX-ST7568 Datasheet
1Mb / 73P
68 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com