Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7545T Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7545T Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7545T
Download  ST7545T Download
File Size   1270.27 Kbytes
Page   48 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7545T Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7545T Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7545T
Download  ST7545T Click to download

File Size   1270.27 Kbytes
Page   48 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7545T Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7545T Product details

INTRODUCTION
The ST7545T is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segments and 65 commons with 1 ICON driver circuits. This chip is connected directly to a microprocessor, accepts 8-bit parallel interface、3-line or 4-line serial peripheral interface (SPI)、I2C interface, display data can stores in an on-chip display data RAM of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
    102-segment x 65-common + 1 ICON
On-chip Display Data ram
    - Capacity: 66X102=6,732 bits
Microprocessor Interface
    - 8-bit parallel bi-directional interface with
        6800-series or 8080-series
    - 4-line SPI (serial peripheral interface) available
        (only write operation)
    - 3-line SPI (serial peripheral interface) available
    - I2C (Inter-Integrated Circuit) Interface
On-chip Low Power Analog Circuit
    - Generation of LCD supply voltage (external VOUT
        voltage supply is supported)
    - Generation of intermediate LCD bias voltages
    - Oscillator requires no external components
        (external clock also supported)
    - Voltage Booster (x4, x5)
    - Voltage regulator(temperature gradient -0.11%/°C)
    - Voltage follower
    - On-chip electronic contrast control function (128 steps)
External RESB (reset) pin
Supply voltage range
    - VDD1 -VSS : 1.7 to 3.3V
    - VDD2 -VSS : 2.4 to 3.3V
    - VOUTIN -VSS : 13.5V (max)
Temperature range: -30 to +85 degree




Similar Part No. - ST7545T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
logo
Sitronix Technology Co....
ST7541 SITRONIX-ST7541 Datasheet
1Mb / 78P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7545T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com