Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7549T Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7549T Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7549T
Download  ST7549T Download
File Size   1240.78 Kbytes
Page   52 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 68 x 102 Dot Matrix LCD Controller/Driver

ST7549T Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7549T Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7549T
Download  ST7549T Click to download

File Size   1240.78 Kbytes
Page   52 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 68 x 102 Dot Matrix LCD Controller/Driver

ST7549T Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7549T Product details

INTRODUCTION

The ST7549T is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segment and 67 common with 1 ICON driver circuits. This chip is connected directly to a microprocessor, accepts 3-line or 4-line serial peripheral interface (SPI), I2C interface or 8-bit parallel interface, display data can stores in an on-chip display data RAM of 68 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.



FEATURES

Single-chip LCD controller & driver



Driver Output Circuits

102 segment / 67 common+1 ICON common (1/68 duty)

102 segment / 32 common+1 ICON common (1/33 duty)

102 segment / 16 common+1 ICON common (1/17 duty)

(1/33 duty and 1/17 duty are under partial screen mode)



On-chip Display Data Ram

■ Capacity: 68X102=6,936 bits Microprocessor Interface

■ 8-bit parallel bi-directional interface with 6800-series or 8080-series

■ 4-line SPI (serial peripheral interface) available (only write operation)

■ 3-line SPI (serial peripheral interface) available

■ I2C (Inter-Integrated Circuit) Interface



On-chip Low Power Analog Circuit

■ Generation of LCD supply voltage (externally VOUT voltage supply is possible)

■ Generation of intermediate LCD bias voltages

■ Oscillator without external components (external clock also possible)

■ Voltage Booster (X2,X3,X4,X5)

■ Voltage Regulator (temperature gradient -0.11%/°C)

■ Voltage Follower

■ On-chip electronic contrast control function (255 steps)



External RESB (reset) pin

Supply voltage range

■ VDD1 -VSS : 1.7 to 3.3V

■ VDD2 -VSS : 2.4 to 3.3V

■ VOUT -VSS : 13.5V (Max.)

Temperature range: -30 to +85 degree Package Type: COG



 




Similar Part No. - ST7549T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
More results


Similar Description - ST7549T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7568 SITRONIX-ST7568 Datasheet
1Mb / 73P
68 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com