Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7585 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7585 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7585
Download  ST7585 Download
File Size   1026.95 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7585 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7585 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7585
Download  ST7585 Click to download

File Size   1026.95 Kbytes
Page   51 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7585 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7585 Product details

INTRODUCTION

ST7585  is  a  driver  &  controller  LSI  for  graphic  dot-matrix  liquid  crystal  display  systems.  It  contains  102-segment  and 65-common with 1-icon-common driver circuits. This chip is connected directlyto a microprocessor which accepts 3-line or 4-line  serial  peripheral  interface  (SPI)  or  8-bit  parallel  interface.  Display  data  stores  in  an  on-chip  display  data  RAM (DDRAM) of 66  x 102 bits.



FEATURES

Single-chip LCD Controller & Driver

Driver Output Circuits

  102-segment / 65-common+1-icon-common(1/66 duty)

On-chipDisplayDataRAM

  -  Capacity: 66X102= 6,732 bits

Microprocessor Interface

  -  8-bit  parallel  bi-directional  interface  for  6800-series or 8080-series MPU

  -  3-line  &  4-line  SPI  (serial  peripheral  interface)  are available(write only)

-  Compatible with I2C interface

External RESB (reset) Pin

Built-in OscillationCircuit

  -  Oscillatorrequires no external component

Built-in OTP(One-TimeProgrammable) Function

LowPowerConsumption  AnalogCircuit

  -  Voltage booster (X5)

  -  Voltageregulator generates LCD operating voltage(T emperature Gradient: -0.05%/°C)

  -  Electronic contrast control (32 steps)

  -  Voltagefollower generates LCD bias voltages(1/7 and 1/9 bias)

WideSupply V oltageRange

  -  VDD1 –VSS1: 1.8V ~ 3.3V (covers 1.7V~3.4V)

  -  VDD2 –VSS2: 2.7V ~ 3.3V (covers 2.6V~3.4V)

RecommendDisplaySupply V oltage

  -  Vop: 8.5V ~ 9.5V (1/9 bias)

LCD ModuleSize: 1.4”(up to 1.8”)

T emperatureRange:-30°C ~ +85°C




Similar Part No. - ST7585

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
ST7580TR STMICROELECTRONICS-ST7580TR Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
logo
Sitronix Technology Co....
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7585

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7576 SITRONIX-ST7576 Datasheet
882Kb / 54P
66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com