Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7588T Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7588T Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7588T
Download  ST7588T Download
File Size   1350.33 Kbytes
Page   61 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 81 x 132 Dot Matrix LCD Controller/Driver

ST7588T Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7588T Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7588T
Download  ST7588T Click to download

File Size   1350.33 Kbytes
Page   61 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 81 x 132 Dot Matrix LCD Controller/Driver

ST7588T Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7588T Product details

INTRODUCTION

ST7588T is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 132-segment, 80-common and 1-icon driver circuits. ST7588T can be connected directly to a microprocessor which accepts parallel interface (8-bit), serial peripheral interface (3-line or 4-line SPI), I2C interface. Display data stores in an on-chip display data RAM (DDRAM) of 81 x 132 bits. It performs display data RAM read/write operation without external operating clock to minimize the power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.



FEATURES

Single-chip LCD controller & driver

Driver Output Circuits

  Ø 132-segment / 81-common (1/81 duty)

  Ø Optional display duty 1/49, 1/65 and 1/81 (selected by MODE[1:0] pin)

  Ø Partial display mode: 1/33 duty and 1/17 duty

On-chip Display Data RAM

  Ø Capacity: 81X132=10,692 bits

Microprocessor Interface

  Ø 8-bit parallel bi-directional interface supports 6800-series or 8080-series MPU

  Ø 4-line A mode SPI (write only)

  Ø 4-line B mode SPI (write only)

  Ø 3-line 8-bit A mode SPI (write only)

  Ø 3-line 8-bit B mode SPI (write only)

  Ø 3 line 9-bit SPI (write only)

  Ø I2C (Inter-Integrated Circuit) Interface (write only)

On-chip Low Power Analog Circuit

  Ø Built-in Voltage Booster (x2, x3, x4, x5, x6)

  Ø Support external booster supply (VOUT)

  Ø Built-in Voltage Regulator With 255-step electronic contrast control(temperature gradient -0.12%/°C)

  Ø Built-in Voltage Follower (with 1/4 ~ 1/11 bias)

  Ø Supports external power supply circuits

External RESB (hardware reset) Pin

Built-in Oscillation Circuit

  Ø Oscillator requires no external components

Wide Voltage Range

  Ø VDD1: 1.8V to 3.3V (typ.)

  Ø VDD2: 2.4V to 3.3V (typ.)

  Ø Recommend LCD Vop: 9.5V ~ 10.5V (1/10 Bias, 1/81 Duty)

Temperature Range: -30 to +85 °C



 




Similar Part No. - ST7588T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7580 STMICROELECTRONICS-ST7580 Datasheet
830Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
26-Jan-2012
ST7580 STMICROELECTRONICS-ST7580 Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
ST7580TR STMICROELECTRONICS-ST7580TR Datasheet
990Kb / 33P
FSK, PSK multi-mode power line networking system-on-chip
30-May-2016
logo
Sitronix Technology Co....
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7588T

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com