Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7577 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7577 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7577
Download  ST7577 Download
File Size   1148.4 Kbytes
Page   48 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 132 x 39 Dot Matrix LCD Controller/Driver

ST7577 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7577 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7577
Download  ST7577 Click to download

File Size   1148.4 Kbytes
Page   48 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 132 x 39 Dot Matrix LCD Controller/Driver

ST7577 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7577 Product details

 INTRODUCTION
ST7577 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. ST7577 contains 132 segment and 39 common driver circuits. This chip is connected directly to a microprocessor, accepts 3-line, 4-line serial peripheral interface (SPI) or 8-bit parallel interface, display data can stores in an on-chip Display Data RAM (DDRAM) of 132 x 39 bits. It performs Display Data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
    ● 132 segments / 39 commons (DTY=”L”)
    ● 132 segments / 12 commons (DTY=”H”)
On-chip Display Data RAM (DDRAM)
    ● Capacity: 132X39=5148 bits
Microprocessor Interface
    ● 8-bit parallel bi-directional interface with 6800-series or 8080-series
    ● 4-line SPI (serial peripheral interface) available (only write operation)
    ● 3-line SPI (serial peripheral interface) available
On-chip Low Power Analog Circuit
    ● Embedded Boosters with voltage regulation function that generates high-accuracy voltage (externally V0I / XV0I voltage supply is also supported).
    ● Voltage regulation temperature gradient -0.07%/°C
    ● Programmable Booster stages: X3,X4.
    ● On-chip electronic contrast control function
    ● Built-in Voltage Follower generates LCD bias voltages (1/4 to 1/7).
Built-in oscillator
    ● Built-in oscillator requires no external components (external clock input is also supported)
External RESB (reset) pin
Supply voltage range
    ● VDD - VSS (Digital): 2.4 to 3.3V (typical);
    ● VDD2 - VSS (Analog): 2.4 to 3.3V (typical).
Display supply voltage (V0-VSS) range: 3.0V~8.31V
Temperature range: -30 to +85 degree
Support LCD Module Size up to 1.4”




Similar Part No. - ST7577

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7577

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com