Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565R Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7565R Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7565R
Download  ST7565R Download
File Size   1167.15 Kbytes
Page   72 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 132 Dot Matrix LCD Controller/Driver

ST7565R Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7565R Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7565R
Download  ST7565R Click to download

File Size   1167.15 Kbytes
Page   72 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 132 Dot Matrix LCD Controller/Driver

ST7565R Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7565R Product details

General Description

The ST7565R is a single-chip dot matrix LCD driver that can be connected directly to a microprocessor bus. 8-bit parallel or 4-line SPI display data sent from the microprocessor is stored in the internal display data RAM and the chip generates a LCD drive signal independent of the

microprocessor.



 Features

Directly display RAM data through Display Data RAM.

RAM capacity : 65 x 132 = 8580 bits

Display duty selectable by select pin

  1/65 duty : 65 common x 132 segment

  1/49 duty : 49 common x 132 segment

  1/33 duty : 33 common x 132 segment

  1/55 duty : 55 common x 132 segment

  1/53 duty : 53 common x 132 segment

High-speed 8-bit MPU interface:

  ST7565R can be connected directly to both the 80x86 series MPUs and the 6800 series MPUs.

  Serial interface (SPI-4) is also supported.

Abundant command functions

  Display data Read/Write, display ON/OFF, Normal/

  Reverse display mode, page address set, display start

  line set, column address set, status read, display all

  points ON/OFF, LCD bias set, electronic volume,

  read/modify/write, segment driver direction selects,

  power saver, common output status select, V0voltage

  regulation internal resistor ratio set.

Embedded analog power supply circuits for Liquid

  Crystal driving: Booster, Regulator and Follower.

Embedded Booster circuit:

  2X,3X,4X,5X and 6X boost ratios are supported.

  Independent input (VDD2) for boost reference voltage.

High-accuracy Regulator circuit:

  Build-in Electronic volume function for the contrast control. Thermal gradient = –0.05%/°C.

Embedded voltage Follower circuit for LCD driving.

Embedded R-C oscillator circuit.

  The external clock is also supported.

Extremely low power consumption: 60uA, bare dice(using the internal power). Settings:

  VDD– VSS= VDD2– VSS=3.0 V, Booster Ratio=4,

  V0– VSS= 11.0 V. Display OFF and the normal mode is selected.

Logic power supply : VDD– VSS= 2.4V to 3.3 V Analog Power (Boost reference voltage):

  VDD2– VSS= 2.4V to 3.3V Booster maximum voltage limited

  VOUT= 13.5V Liquid crystal drive power supply:

  V0– VSS= 3.0V to 12.0 V

Wide range of operating temperatures: –30 to 85°C

Package type: COG only.

The chip is not designed to resist the light or toresist the radiation.

Support LCD Module Size up to 2"




Similar Part No. - ST7565R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565 ETC1-ST7565 Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565-0A ETC1-ST7565-0A Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565-0B ETC1-ST7565-0B Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7565R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565V SITRONIX-ST7565V Datasheet
877Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com