Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7565V Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7565V Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7565V
Download  ST7565V Download
File Size   877.48 Kbytes
Page   72 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 132 Dot Matrix LCD Controller/Driver

ST7565V Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7565V Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7565V
Download  ST7565V Click to download

File Size   877.48 Kbytes
Page   72 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 65 x 132 Dot Matrix LCD Controller/Driver

ST7565V Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7565V Product details

GENERAL DESCRIPTION

The ST7565V is a single-chip dot matrix LCD driver that can be connected directly to a microprocessor bus. 8-bit parallel or serial display data sent from the microprocessor is stored in the internal display data RAM and the chip generates a LCD drive signal independent of the microprocessor.



FEATURES

Direct display of RAM data through the display data RAM.

RAM capacity : 65 x 132 = 8580 bits

Display duty selectable by select pin

   1/65 duty : 65 common x 132 segment

   1/49 duty : 49 common x 132 segment

   1/33 duty : 33 common x 132 segment

   1/55 duty : 55 common x 132 segment

   1/53 duty : 53 common x 132 segment

High-speed 8-bit MPU interface (The chip can be connected directly to the both the 80x86 series MPUs and the 68000 series MPUs)/Serial interfaces are supported.

Abundant command functions

Display data Read/Write, display ON/OFF, Normal/Reverse display mode, page address set, display start line set, column address set, status read, display all points ON/OFF, LCD bias set, electronic volume, read/modify/write, segment driver direction selects, power saver, common output status select, V5 voltage regulation internal resistor ratio set.

Low-power liquid crystal display power supply circuit equipped internally.

   Booster circuit (with Boost ratios of 2X/3X/4X/5X/6X,where the step-up voltage reference power supply can be input externally).

   High-accuracy voltage adjustment circuit (Thermal

   gradient –0.05%/°C ) V 5 voltage regulator resistors

   equipped internally, V1 to V4 voltage divider resistors

   equipped internally, electronic volume function

   equipped internally, voltage follower.

CR oscillator circuit equipped internally (external clock can also be input)

Extremely low power consumption Operating power when the built-in power supply is used (an example)

60uA (VDD – VSS = VDD – VSS2 =3.0 V, Quad voltage, V5 – VDD = – 11.0 V).

Conditions: When displays pattern OFF and the normal mode is selected.

Power supply operate on the low 1.8 voltage

   Logic power supply

      VDD – VSS = 1.8V to 3.3V

   Boost reference voltage: VDD – VSS2 = 2.4V to 3.3V

   Booster maximum voltage limited

      VOUT= -13.5V

   Liquid crystal drive power supply:

      VDD – V5 = 4.0V to 12.0 V

Wide range of operating temperatures: –30 to 85°C

CMOS process

Shipping forms include bare chip and TCP.

These chips not designed for resistance to light or resistance to radiation.



 




Similar Part No. - ST7565V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565 ETC1-ST7565 Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
logo
List of Unclassifed Man...
ST7565-0A ETC1-ST7565-0A Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565-0B ETC1-ST7565-0B Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7565V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7565S ETC1-ST7565S Datasheet
715Kb / 73P
65 x 132 Dot Matrix LCD Controller/Driver
logo
Sitronix Technology Co....
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7565P SITRONIX-ST7565P Datasheet
858Kb / 71P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565R SITRONIX-ST7565R Datasheet
1Mb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7565S SITRONIX-ST7565S Datasheet
675Kb / 72P
65 x 132 Dot Matrix LCD Controller/Driver
ST7567 SITRONIX-ST7567 Datasheet
682Kb / 49P
65 x 132 Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7577 SITRONIX-ST7577 Datasheet
1Mb / 48P
132 x 39 Dot Matrix LCD Controller/Driver
ST7588T SITRONIX-ST7588T Datasheet
1Mb / 61P
81 x 132 Dot Matrix LCD Controller/Driver
ST7565 SITRONIX-ST7565 Datasheet
468Kb / 56P
65 x 132 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com