Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7576 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7576 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7576
Download  ST7576 Download
File Size   882.58 Kbytes
Page   54 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7576 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7576 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7576
Download  ST7576 Click to download

File Size   882.58 Kbytes
Page   54 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 66 x 102 Dot Matrix LCD Controller/Driver

ST7576 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7576 Product details

 INTRODUCTION
The ST7576 is a driver & controller LSI for graphic dot-matrix liquid crystal display systems. It contains 102 segments and 65 common with 1 ICON driver circuits. This chip is connected directly to a microprocessor, accepts 3-line or 4-line serial peripheral interface (SPI), I2C interface or 8-bit parallel interface, display data can stores in an on-chip display data RAM of 66 x 102 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption. In addition, because it contains power supply circuits to drive liquid crystal, it is possible to make a display system with the fewest components.

FEATURES
Single-chip LCD controller & driver
Driver Output Circuits
    102 segment / 65 common+1 ICON common (1/66 duty)
    102 segment / 16 common+1 ICON common (1/17 duty)
    (1/17 duty is under partial screen mode)
On-chip Display Data Ram
    - Capacity: 66X102=6,732 bits
Microprocessor Interface
    - 8-bit parallel bi-directional interface with 6800-series or 8080-series
    - 4-line SPI (serial peripheral interface) available (only write operation)
    - 3-line SPI (serial peripheral interface) available
    - I2C (Inter-Integrated Circuit) Interface
On-chip Low Power Analog Circuit
    - Generation of LCD supply voltage
    - Generation of intermediate LCD bias voltages
    - Oscillator requires no external components (external clock also possible)
    - Voltage converter X4; X5
    - Voltage follower
    - On-chip electronic contrast control function (255 steps)
External RESB (reset) pin
Logic supply voltage range
    - VDD1 -VSS : 1.8 to 3.3V
    - VDD2 -VSS : 2.4 to 3.3V
Display supply voltage range (V0)
    - Application Vop range: 4V-9.5V
    - Programmable Max V0: 10.5V
Temperature range: -30 to +85 degree




Similar Part No. - ST7576

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7570 STMICROELECTRONICS-ST7570 Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
ST7570TR STMICROELECTRONICS-ST7570TR Datasheet
441Kb / 26P
S-FSK power line networking system-on-chip
24-Sep-2012
logo
Sitronix Technology Co....
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7573 SITRONIX-ST7573 Datasheet
774Kb / 46P
132 x 33 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7576

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7549 ETC1-ST7549 Datasheet
114Kb / 1P
68 x 102 Dot Matrix LCD Controller / Driver
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
ST7549T SITRONIX-ST7549T Datasheet
1Mb / 52P
68 x 102 Dot Matrix LCD Controller/Driver
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
65 x 102 Dot Matrix LCD Controller/Driver
ST7575 SITRONIX-ST7575 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
ST7578 SITRONIX-ST7578 Datasheet
1Mb / 52P
66 x 102 Dot Matrix LCD Controller/Driver
ST7585 SITRONIX-ST7585 Datasheet
1Mb / 51P
66 x 102 Dot Matrix LCD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com