Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7541 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7541 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7541
Download  ST7541 Download
File Size   1155.23 Kbytes
Page   78 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4 Gray Scale Dot Matrix LCD Controller/Driver

ST7541 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7541 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7541
Download  ST7541 Click to download

File Size   1155.23 Kbytes
Page   78 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description 4 Gray Scale Dot Matrix LCD Controller/Driver

ST7541 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7541 Product details

INTRODUCTION

ST7541  is  a  driver  &  controller  LSI  for  4-level  gray  scale  graphic  dot-matrix  liquid  crystal  display  systems.  This  chip  can connect directly to a microprocessor which supports: Serial Peripheral Interface (SPI), IIC or 8-bit parallel interface. Display data stores in an on-chip display data RAM of 128 x 129 x 2 bits. It performs display data RAM read/write operation with no external operating clock to minimize power consumption.



FEATURES

4-level Gray Scale

–Display with PWM and FRC Methods

Driver OutputCircuits

  128 segment outputs/ 128+1 common outputs

ApplicableDutyRatios

– V arious partial display

–Partial window moving & data scrolling

On-chipDisplay Data RAM

–Capacity: 128  ×  129  ×  2=33,024 bits

Microprocessor Interface

–  8-bit  bi-directional  parallel  interface  supports  6800-series or 8080-series MPU

– 4-line serial interface(4-LineSPI)

– 3-line serial interface(3-Line 8-bit SPI)

– IIC serial interface

On-chip Low PowerAnalogCircuit

– On-chip oscillator circuit

– Voltage booster (x3, x4, x5 or x6)

– Voltageregulator (temperature coefficient: -0.144%/˚C, or external input)

– On-chip electronic contrast controlfunction(64 steps X 8)

– Voltage follower (LCD bias: 1/5to 1/12)

Operating V oltage Range

–Supply voltage(VDD): 1.8to 3.3V

–Supply voltage(VDD2): 2.4 to 3.3V

– LCD driving voltage(VLCD =V0- VSS): 3.5 to 15.0V Package Type

–  Applicationfor COG



 




Similar Part No. - ST7541

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7540 STMICROELECTRONICS-ST7540 Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
ST7540TR STMICROELECTRONICS-ST7540TR Datasheet
372Kb / 44P
FSK power line transceiver
25-Sep-2006
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7546T SITRONIX-ST7546T Datasheet
1Mb / 48P
66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
66 x 102 Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7541

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU6682 NJRC-NJU6682 Datasheet
992Kb / 58P
160-common x 132-segment DOT MATRIX LCD DRIVER FOR 4 GRAY SCALE
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7528 SITRONIX-ST7528 Datasheet
1Mb / 97P
16 Gray Scale Dot Matrix LCD Controller/Driver
ST7529 SITRONIX-ST7529 Datasheet
1Mb / 86P
32 Gray Scale Dot Matrix LCD Controller/Driver
ST7571 SITRONIX-ST7571 Datasheet
1Mb / 76P
4 Gray Scale Dot Matrix LCD Controller/Driver
ST7586S SITRONIX-ST7586S Datasheet
675Kb / 63P
4-Level Gray Scale Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com