Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16635 Datasheet (PDF) - NEC

UPD16635 Datasheet PDF - NEC
Part # UPD16635
Download  UPD16635 Download
File Size   136.89 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT TFT-LCD SOURCE DRIVER

UPD16635 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16635 Datasheet PDF - NEC

Part # UPD16635
Download  UPD16635 Click to download

File Size   136.89 Kbytes
Page   19 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 240-OUTPUT TFT-LCD SOURCE DRIVER

UPD16635 Datasheet (HTML) - NEC


UPD16635 Product details

240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)

The µPD16635 is a source driver for TFT-LCDs capable of dealing with displays with 64 gray scales. Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by output of 64 values γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the output dynamic range is as large as 11.5 VP-P, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also, to be able to deal with full-dot inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a maximum clock frequency of 33 MHz when driving at 3.0 V, this driver is applicable to SVGA-standard TFT-LCD panels

FEATURES
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
• Output dynamic range 11.5 VP-P min. (@ VDD2 = 13.5 V)
• CMOS level input
• Input of 6 bits (gradation data) by 6 dots
• High-speed data transfer: fmax. = 33 MHz (internal data transfer speed when operating at 3.0 V)
• 240 outputs
• Dedicaded full-dot inversion driver
• Single-sided mounting possible (loaded with slim TCP)




Similar Part No. - UPD16635

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16635 RENESAS-UPD16635 Datasheet
229Kb / 22P
MOS INTEGRATED CIRCUIT
1996
UPD16635N-XXX RENESAS-UPD16635N-XXX Datasheet
229Kb / 22P
MOS INTEGRATED CIRCUIT
1996
More results


Similar Description - UPD16635

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16448A NEC-UPD16448A Datasheet
133Kb / 24P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD NAVIGATION, AUTOMOBILE LCD-TV
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
logo
NEC
UPD16449 NEC-UPD16449 Datasheet
131Kb / 27P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16448A RENESAS-PD16448A_15 Datasheet
266Kb / 26P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16449 RENESAS-PD16449_15 Datasheet
270Kb / 30P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD (NAVIGATION, AUTOMOBILE LCD-TV)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com