Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH1687 Datasheet (PDF) - Sharp Corporation

LH1687 Datasheet PDF - Sharp Corporation
Part # LH1687
Download  LH1687 Download
File Size   93.43 Kbytes
Page   21 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 240-output TFT-LCD Source Driver IC

LH1687 Datasheet (PDF)

Go To PDF Page Download Datasheet
LH1687 Datasheet PDF - Sharp Corporation

Part # LH1687
Download  LH1687 Click to download

File Size   93.43 Kbytes
Page   21 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 240-output TFT-LCD Source Driver IC

LH1687 Datasheet (HTML) - Sharp Corporation


LH1687 Product details

DESCRIPTION
The LH1687 is a 240-output TFT-LCD source driver IC used in such products as TV sets. The LH1687 samples and holds three video signals of R, G and B by sample and hold circuits synchronized with the CK, and simultaneously outputs the LCD drive voltage from all output pins.

FEATURES
• Number of LCD drive outputs : 240
• Output circuit form : Push pull output
• Power save function : By setting the LCD drive output in a high-impedance condition, the current source of the LCD drive output circuit is cut off, which makes low power operation possible
• Sampling timing : Normal sampling operation and 3-point simultaneous sampling operation can be selected
• Video signal setting : Available for stripe pixel array panels and delta pixel array panels using mode setting circuit
• Sampling clock frequency : 25 MHz (MAX.)
• Cascade connection
• Sampling sequence : Output shift direction can be selected OS1/OS240 or OS240/OS1
• Output amplitude voltage : 4.8 Vp-p (at 5.0 V supply voltage)
• Supply voltages
    — VCCL (for logic system) : +3.0 to +5.5 V
    — VCCA (for LCD drive system) : +3.0 to +5.5 V
• Operating temperature : —30 to + 85 ßC
• Package : 264-pin TCP (Tape Carrier Package)




Similar Part No. - LH1687

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
LH168G SHARP-LH168G Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
More results


Similar Description - LH1687

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168K SHARP-LH168K Datasheet
92Kb / 16P
324-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
LH168P SHARP-LH168P Datasheet
250Kb / 15P
309-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
384-output TFT-LCD Source Driver IC
LH1691 SHARP-LH1691 Datasheet
122Kb / 14P
240-output TFT-LCD Gate Driver IC
logo
NEC
UPD16449 NEC-UPD16449 Datasheet
131Kb / 27P
SOURCE DRIVER FOR 240-OUTPUT TFT-LCD
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com