Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH168P Datasheet (PDF) - Sharp Corporation

LH168P Datasheet PDF - Sharp Corporation
Part # LH168P
Download  LH168P Download
File Size   250.98 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 309-output TFT-LCD Source Driver IC

LH168P Datasheet (PDF)

Go To PDF Page Download Datasheet
LH168P Datasheet PDF - Sharp Corporation

Part # LH168P
Download  LH168P Click to download

File Size   250.98 Kbytes
Page   15 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 309-output TFT-LCD Source Driver IC

LH168P Datasheet (HTML) - Sharp Corporation


LH168P Product details

DESCRIPTION
The LH168P is a 309-output TFT-LCD source driver IC which can simultaneously display 262 144 colors in 64 gray scales.

FEATURES
• Selectable number of LCD drive outputs : 309/300
• Built-in 6-bit digital input DAC
• Possible to display 262 144 colors in 64 gray
   scales with reference voltage input of 11 gray
   scales : This reference voltage input corresponds
   to ‹ correction and intermediate reference voltage
   input can be abbreviated
• Cascade connection
• Sampling sequence :
   Output shift direction can be selected
   XO1, YO1, ZO1/XO103, YO103, ZO103 or
   ZO103, YO103, XO103/ZO1, YO1, XO1
• Shift clock frequency : 55 MHz (MAX.)
• Supply voltages
   — VCC (for logic system) : +3.0 to +5.5 V
   — VLS (for LCD drive system) : +3.0 to +5.5 V
• Package : 350-pin TCP (Tape Carrier Package)




Similar Part No. - LH168P

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
More results


Similar Description - LH168P

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Samsung semiconductor
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168K SHARP-LH168K Datasheet
92Kb / 16P
324-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
384-output TFT-LCD Source Driver IC
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com