Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet (PDF) - NEC

UPD16640C Datasheet PDF - NEC
Part # UPD16640C
Download  UPD16640C Download
File Size   105.89 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE

UPD16640C Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16640C Datasheet PDF - NEC

Part # UPD16640C
Download  UPD16640C Click to download

File Size   105.89 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE

UPD16640C Datasheet (HTML) - NEC


UPD16640C Product details

DESCRIPTION
The µ PD16640C is a source driver for TFT-LCD 64-gray scale displays. Its logic circuit operates at 3.3 V and the driver circuit operates at 3.3 or 5.0 V (selectable). The input data is digital data at 6 bits x 3 dots, and 260,000 colors can be displayed in 64-value outputs γ-corrected by the internal D/A converter and 11 external power supplies.
The clock frequency is 55 MHz MIN. By switching over the number of outputs between 300 and 309, the µ PD16640C can be used in TFT-LCD panels conforming to the SVGA/XGA standards.

FEATURES
• CMOS level input
• Number of outputs selectable (Osel = H : 300 outputs, Osel = L : 309 outputs)
• 6 bits (gray scale data) x 3 dots input
• 64-value output by 11 external power supplies and internal D/A converter
• Output dynamic range : VSS2 + 0.1 V to VDD2 − 0.1 V
• High-speed data transfer: fMAX.=55 MHz MIN.(internal data transfer speed when VDD1 = 3.0 V)
• Precharge-less output buffer
• Level of γ-corrected power supply can be inverted.
• Input data inversion function (INV)
• Logic power supply (VDD1) : 3.3 V ± 0.3 V
• Driver power supply (VDD2) : 3.3 V ± 0.3 V (Vsel = H)
                                                   5.0 V ± 0.5 V (Vsel = L)




Similar Part No. - UPD16640C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16640C RENESAS-UPD16640C Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
UPD16640CN-XXX RENESAS-UPD16640CN-XXX Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16640C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Samsung semiconductor
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0652 SAMSUNG-KS0652 Datasheet
156Kb / 19P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168P SHARP-LH168P Datasheet
250Kb / 15P
309-output TFT-LCD Source Driver IC
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com