Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 7 Page - NEC

Part # UPD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16640C Datasheet(HTML) 7 Page - NEC

Back Button UPD16640C Datasheet HTML 3Page - NEC UPD16640C Datasheet HTML 4Page - NEC UPD16640C Datasheet HTML 5Page - NEC UPD16640C Datasheet HTML 6Page - NEC UPD16640C Datasheet HTML 7Page - NEC UPD16640C Datasheet HTML 8Page - NEC UPD16640C Datasheet HTML 9Page - NEC UPD16640C Datasheet HTML 10Page - NEC UPD16640C Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet S11269EJ1V1DS00
7
µµµµ PD16640C
4.1
γγγγ-corrected Power Circuit
The reference power supply of the D/A converter consists of a ladder circuit with a total of 64 resistors, and
resistance
Σri between
γ-corrected power pins differs depending on each pair of γ-corrected power pins. One pair of
γ-corrected power pins consists of seven or eight series resistors, and resistance Σri in the figure below is indicated
as the sum of the seven or eight resistors. The resistance ratio between the
γ-corrected power pins (Σri ratio) is
designed to be a value relatively close to the ratio of the
γ-corrected voltages V1 to V9 (gray-scale voltages in 8 steps)
used in an actual LCD panel. Under ideal conditions where there is no difference between the two, therefore, there is
no voltage difference between the voltage of the
γ-corrected power supplies and the gray-scale voltages in 8 steps of
the resistor ladder circuits of the
µPD16640C, and no current flows into the γ-corrected power pins V1 to V9. As a
result, a voltage-follower circuit is not necessary.
Figure 4-2.
γγγγ -corrected Power Circuit
V0
V1
V2
V3
V4
V5
V6
V7
V8
V9
V10
i0
R0 = 2.39 k
PD16640C
R1 =
Σ ri = 4.45 kΩ
i1
i2
i3
i4
i5
i6
i7
i8
i9
i10
7
i = 1
R2 =
Σ ri = 6.19 kΩ
8
i = 1
R3 =
Σ ri = 3.58 kΩ
8
i = 1
R4 =
Σ ri = 2.15 kΩ
8
i = 1
R5 =
Σ ri = 2.03 kΩ
8
i = 1
R6 =
Σ ri = 1.61 kΩ
8
i = 1
R7 =
Σ ri = 2.03 kΩ
8
i = 1
R8 =
Σ ri = 3.39 kΩ
7
i = 1
R9 = 2.55 k
µ
γ-corrected power pin
γ-corrected resistor
Sum of eight
γ-corrected resistors
+
+
+
+
+
+
+
+
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com