Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16640C Datasheet(PDF) 1 Page - NEC

Part # UPD16640C
Description  300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD16640C Datasheet(HTML) 1 Page - NEC

  UPD16640C Datasheet HTML 1Page - NEC UPD16640C Datasheet HTML 2Page - NEC UPD16640C Datasheet HTML 3Page - NEC UPD16640C Datasheet HTML 4Page - NEC UPD16640C Datasheet HTML 5Page - NEC UPD16640C Datasheet HTML 6Page - NEC UPD16640C Datasheet HTML 7Page - NEC UPD16640C Datasheet HTML 8Page - NEC UPD16640C Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
1999
MOS INTEGRATED CIRCUIT
µµµµ PD16640C
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
DATA SHEET
Document No. S11269EJ1V1DS00 (1st edition)
Date Published June 1999 NS CP (K)
Printed in Japan
DESCRIPTION
The
µ PD16640C is a source driver for TFT-LCD 64-gray scale displays. Its logic circuit operates at 3.3 V and the
driver circuit operates at 3.3 or 5.0 V (selectable). The input data is digital data at 6 bits x 3 dots, and 260,000 colors
can be displayed in 64-value outputs
γ-corrected by the internal D/A converter and 11 external power supplies.
The clock frequency is 55 MHz MIN.
By switching over the number of outputs between 300 and 309, the
µ PD16640C can be used in TFT-LCD panels conforming to the SVGA/XGA standards.
FEATURES
• CMOS level input
• Number of outputs selectable (Osel = H : 300 outputs, Osel = L : 309 outputs)
• 6 bits (gray scale data) x 3 dots input
• 64-value output by 11 external power supplies and internal D/A converter
• Output dynamic range : VSS2 + 0.1 V to VDD2 − 0.1 V
• High-speed data transfer: fMAX.=55 MHz MIN.(internal data transfer speed when VDD1 = 3.0 V)
• Precharge-less output buffer
• Level of
γ-corrected power supply can be inverted.
• Input data inversion function (INV)
• Logic power supply (VDD1) : 3.3 V ± 0.3 V
• Driver power supply (VDD2) : 3.3 V ± 0.3 V (Vsel = H)
5.0 V
± 0.5 V (Vsel = L)
ORDERING INFORMATION
Part Number
Package
µ PD16640CN-xxx
TCP (TAB package)
Remark
The TCP’s external shape is customized. To order your TCP’s external shape, please contact a NEC
salesperson.


Similar Part No. - UPD16640C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16640C RENESAS-UPD16640C Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
UPD16640CN-XXX RENESAS-UPD16640CN-XXX Datasheet
237Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results

Similar Description - UPD16640C

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16634A NEC-UPD16634A Datasheet
115Kb / 20P
300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Samsung semiconductor
KS0641 SAMSUNG-KS0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
KS0652 SAMSUNG-KS0652 Datasheet
156Kb / 19P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C0641 SAMSUNG-S6C0641 Datasheet
216Kb / 22P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
S6C1652 SAMSUNG-S6C1652 Datasheet
198Kb / 19P
6 BIT 300 / 309 CHANNEL TFT-LCD SOURCE DRIVER
logo
Sharp Corporation
LH168P SHARP-LH168P Datasheet
250Kb / 15P
309-output TFT-LCD Source Driver IC
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16641 RENESAS-PD16641_15 Datasheet
322Kb / 21P
240-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com