Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16647 Datasheet (PDF) - NEC

UPD16647 Datasheet PDF - NEC
Part # UPD16647
Download  UPD16647 Download
File Size   108.13 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE

UPD16647 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16647 Datasheet PDF - NEC

Part # UPD16647
Download  UPD16647 Click to download

File Size   108.13 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE

UPD16647 Datasheet (HTML) - NEC


UPD16647 Product details

DESCRIPTION

The µ PD16647 is a source driver for TFT-LCD 64 gray scale displays. Its logic circuit operates at 3.3 V and the driver circuit operates at 5.0 V. The input data is digital data at 6 bits x 3 dots, and 260,000 colors can be displayed in 64-value outputs γ -corrected by the internal D/A converter and 10 external power supplies. The clock frequency is 50 MHz MIN. µ PD16647 can be used in TFT-LCD panels conforming to the SVGA standards.



FEATURES

• CMOS level input

• 402/384 outputs

• 6 bits (gray scale data) x 3 dots input

• 64-value output by 10 external power supplies and internal D/A converter

• Output dynamic range : VSS2 + 0.1 V to VDD2 − 0.1 V

• High-speed data transfer: fMAX =50 MHz MIN.(internal data transfer rate at supply voltage VDD1 of logic circuit =3.0 V)

• Level of γ -corrected power supply can be inverted

• Input data inversion function (INV)

• Precharge-less output buffer

• Logic supply voltage (VDD1) : 3.3 V ± 0.3 V

• Driver supply voltage (VDD2) : 5.0 V ± 0.5 V

• Slim TCP



 




Similar Part No. - UPD16647

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16647 RENESAS-UPD16647 Datasheet
240Kb / 18P
MOS INTEGRATED CIRCUIT
1998
UPD16647N-XXX RENESAS-UPD16647N-XXX Datasheet
240Kb / 18P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16647

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD16647 RENESAS-PD16647_15 Datasheet
241Kb / 18P
402/384-OUTPUT TFT-LCD SOURCE DRIVER (64-GRAY SCALES)
PD16715A RENESAS-PD16715A_15 Datasheet
253Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER(COMPATIBLE WITH 64-GRAY SCALES)
PD160061 RENESAS-PD160061_15 Datasheet
363Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com