Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16634A Datasheet (PDF) - NEC

UPD16634A Datasheet PDF - NEC
Part # UPD16634A
Download  UPD16634A Download
File Size   115.84 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE

UPD16634A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16634A Datasheet PDF - NEC

Part # UPD16634A
Download  UPD16634A Click to download

File Size   115.84 Kbytes
Page   20 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 300-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64 GRAY SCALE

UPD16634A Datasheet (HTML) - NEC


UPD16634A Product details

DESCRIPTION
The µPD16634A is a source driver for TFT-LCDs capable of dealing with displays 64 gray scales. Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by output of 64 values γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the output dynamic range is as large as VSS2+0.1 V to VDD2−0.1 V, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also to be able to deal with dot-line inversion when mounted on a single side, this source driver equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a maximum clock frequent of 40 MHz when drivng at 3.0 V, this driver is applicable to XGA-standard TFT-LCD panels.

FEATURES
• 300 outputs
• CMOS level input
• Input of 6 bits (gradation data) by 6 dots
• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter
• Output dynamic range : VSS2+0.1 V to VDD2−0.1 V
• Logic part supply voltage (VDD1) : 3.3 V ± 0.3 V
• Driver part supply voltage (VDD2) : 8.0 V ± 0.5 V
• High-speed data transfer: fMAX=40 MHz MIN.(internal data transfer rate when operating at 3.0 V)
• Output voltage polarity inversion is possible (POL)
• Display data inversion function (POL2)
• Single bank arrangement is possible(loaded with slim TCP).




Similar Part No. - UPD16634A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16634A RENESAS-UPD16634A Datasheet
288Kb / 22P
MOS INTEGRATED CIRCUIT
1998
UPD16634AN-XXX RENESAS-UPD16634AN-XXX Datasheet
288Kb / 22P
MOS INTEGRATED CIRCUIT
1998
More results


Similar Description - UPD16634A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16640C NEC-UPD16640C Datasheet
105Kb / 16P
300/309-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772A NEC-UPD16772A Datasheet
122Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
logo
Renesas Technology Corp
PD16640C RENESAS-PD16640C_15 Datasheet
238Kb / 18P
300/309-OUTPUT TFT-LCD SOURCE DRIVER (64 GRAY SCALE)
PD160062 RENESAS-PD160062_15 Datasheet
352Kb / 21P
420-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALE)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16724 RENESAS-PD16724_15 Datasheet
300Kb / 26P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALE)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com