Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16772A Datasheet (PDF) - NEC

UPD16772A Datasheet PDF - NEC
Part # UPD16772A
Download  UPD16772A Download
File Size   122.41 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES

UPD16772A Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16772A Datasheet PDF - NEC

Part # UPD16772A
Download  UPD16772A Click to download

File Size   122.41 Kbytes
Page   5 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES

UPD16772A Datasheet (HTML) - NEC


UPD16772A Product details

DESCRIPTION

The µ PD16772A is a source driver for TFT-LCDs capable of dealing with displays with 64-gray scales. Data input is based on digital input configured as 6 bits by 6 dots (2 pixels), which can realize a full-color display of 260,000 colors by output of 64 values γ -corrected by an internal D/A converter and 5-by-2 external power modules. Because the output dynamic range is as large as VSS2 + 0.1 V to VDD2 – 0.1 V, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line inversion when mounted on a single side, this source driver is equipped with a built-in 6-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a clock frequency of 45 MHz when driving at 2.3 V, this driver is applicable to UXGA-standard TFT-LCD panels.



FEATURES

• CMOS level input (2.3 to 3.6 V)

• 480 outputs

• Input of 6 bits (gradation data) by 6 dots

• Capable of outputting 64 values by means of 5-by-2 external power modules (10 units) and a D/A converter (RDAC)

• Output dynamic range : VSS2 + 0.1 V to VDD2 – 0.1 V

• High-speed data transfer : fCLK = 45 MHz (internal data transfer speed when operating at VDD1 = 2.3 V)

• Apply for dot-line inversion, n-line inversion and column line inversion

• Output voltage polarity inversion function (POL)

• Display data inversion function (POL21/22)

• Current consumption reduction function (LPC, Bcont)

• Logic power supply voltage (VDD1) : 2.3 to 3.6 V

• Driver power supply voltage (VDD2) : 8.5 V ± 0.5 V



 




Similar Part No. - UPD16772A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16772A RENESAS-UPD16772A Datasheet
255Kb / 22P
MOS INTEGRATED CIRCUIT
2000
More results


Similar Description - UPD16772A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16715A NEC-UPD16715A Datasheet
120Kb / 16P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16732A NEC-UPD16732A Datasheet
186Kb / 24P
384-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16772 NEC-UPD16772 Datasheet
121Kb / 5P
480-OUTPUT TFT-LCD SOURCE DRIVER COMPATIBLE WITH 64-GRAY SCALES
UPD16716 NEC-UPD16716 Datasheet
155Kb / 20P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
logo
Renesas Technology Corp
PD16635 RENESAS-PD16635_15 Datasheet
230Kb / 22P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64 GRAY SCALES)
PD160061A RENESAS-PD160061A_15 Datasheet
719Kb / 21P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD160088 RENESAS-PD160088_15 Datasheet
447Kb / 25P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 256-GRAY SCALES)
PD161830 RENESAS-PD161830_15 Datasheet
371Kb / 26P
240-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16772A RENESAS-PD16772A_15 Datasheet
256Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
PD16732D RENESAS-PD16732D_15 Datasheet
298Kb / 22P
384-OUTPUT TFT-LCD SOURCE DRIVER (COMPATIBLE WITH 64-GRAY SCALES)
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com