Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH168K Datasheet (PDF) - Sharp Corporation

LH168K Datasheet PDF - Sharp Corporation
Part # LH168K
Download  LH168K Download
File Size   92.77 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 324-output TFT-LCD Source Driver IC

LH168K Datasheet (PDF)

Go To PDF Page Download Datasheet
LH168K Datasheet PDF - Sharp Corporation

Part # LH168K
Download  LH168K Click to download

File Size   92.77 Kbytes
Page   16 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 324-output TFT-LCD Source Driver IC

LH168K Datasheet (HTML) - Sharp Corporation


LH168K Product details

DESCRIPTION
The LH168K is a 324-output TFT-LCD source driver IC which can simultaneously display 262 144 colors in 64 gray scales.

FEATURES
• Selectable number of LCD drive outputs : 324/321/312/309
• Built-in 6-bit digital input DAC
• Dot-inversion drive : Outputs the inverted gray scale voltages between LCD drive pins next to each other
• 2-port input for each circuit of data inputs R, G and B, and it is possible to sample and hold display data of two pixels at the same time at 324-output and 312-output modes. 1-port input for each circuit of data inputs R, G and B at 321-output and 309-output modes.
• Possible to display 262 144 colors in 64 gray scales with reference voltage input of 18 gray scales : This reference voltage input corresponds to ‹ correction and intermediate reference voltage input can be abbreviated
• Cascade connection
• Sampling sequence : Output shift direction can be selected XO1, YO1, ZO1/XO108, YO108, ZO108 or ZO108, YO108, XO108/ZO1, YO1, XO1
• Shift clock frequency : 55 MHz (MAX.)
• Supply voltages
    — VCC (for logic system) : +2.7 to +3.6 V
    — VLS (for LCD drive system) : +12 V (MAX.)
• Package : 395-pin TCP (Tape Carrier Package)




Similar Part No. - LH168K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
More results


Similar Description - LH168K

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
LH168P SHARP-LH168P Datasheet
250Kb / 15P
309-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
384-output TFT-LCD Source Driver IC
logo
NEC
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com