Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH168R Datasheet (PDF) - Sharp Corporation

LH168R Datasheet PDF - Sharp Corporation
Part # LH168R
Download  LH168R Download
File Size   193.27 Kbytes
Page   19 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 384-output TFT-LCD Source Driver IC

LH168R Datasheet (PDF)

Go To PDF Page Download Datasheet
LH168R Datasheet PDF - Sharp Corporation

Part # LH168R
Download  LH168R Click to download

File Size   193.27 Kbytes
Page   19 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 384-output TFT-LCD Source Driver IC

LH168R Datasheet (HTML) - Sharp Corporation


LH168R Product details

DESCRIPTION
The LH168M is a 384-output TFT-LCD source driver IC which can simultaneously display 262 144 colors in 64 gray scales.

FEATURES
• Number of LCD drive outputs : 384
• Built-in 6-bit digital input DAC
• Dot-inversion drive : Outputs the inverted gray scale voltages between LCD drive pins next to each other
• RSDSTM*(R_educed S_wing D_ifferential S_ignaling) input interface (Data and CK) : Possible to reduce E_lectro-M_agnetic I _nterference (EMI)
• Possible to display 262 144 colors in 64 gray scales with reference voltage input of 18 gray scales : This reference voltage input corresponds to ‹ correction and intermediate reference voltage input can be abbreviated
• Cascade connection
• Sampling sequence :
    Output shift direction can be selected
    XO1, YO1, ZO1/XO128, YO128, ZO128 or ZO128, YO128, XO128/ZO1, YO1, XO1
• Shift clock frequency : 68 MHz (MAX.)
• Supply voltages
    — VCC (for logic system) : +3.0 to +3.6 V
    — VLS (for LCD drive system) : +12 V (MAX.)
• Package : 434-pin TCP (Tape Carrier Package)




Similar Part No. - LH168R

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
More results


Similar Description - LH168R

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168A SHARP-LH168A Datasheet
176Kb / 14P
384-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com