Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH168A Datasheet (PDF) - Sharp Corporation

LH168A Datasheet PDF - Sharp Corporation
Part # LH168A
Download  LH168A Download
File Size   176.7 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 384-output TFT-LCD Source Driver IC

LH168A Datasheet (PDF)

Go To PDF Page Download Datasheet
LH168A Datasheet PDF - Sharp Corporation

Part # LH168A
Download  LH168A Click to download

File Size   176.7 Kbytes
Page   14 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 384-output TFT-LCD Source Driver IC

LH168A Datasheet (HTML) - Sharp Corporation


LH168A Product details

DESCRIPTION
The LH168A is a 384-output TFT-LCD source driver IC which can simultaneously display 262 144 colors in 64 gray scales.

FEATURES
• Number of LCD drive outputs : 384
• Built-in 6-bit digital input DAC
• 2-port input for each circuit of data inputs R, G and B, and it is possible to sample and hold display data of two pixels at the same time
• Possible to display 262 144 colors in 64 gray scales with reference voltage input of 10 gray scales : This reference voltage input corresponds to ‹ correction and intermediate reference voltage input can be abbreviated
• Cascade connection
• Sampling sequence : Output shift direction can be selected XO1, YO1, ZO1/XO128, YO128, ZO128 or ZO128, YO128, XO128/ZO1, YO1, XO1
• Shift clock frequency : 55 MHz (MAX.)
• Supply voltages
    — VCC (for logic system) : +2.7 to +3.6 V
    — VLS (for LCD drive system) : +3.0 to +5.5 V
• Package : 444-pin TCP (Tape Carrier Package)




Similar Part No. - LH168A

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH1684F SHARP-LH1684F Datasheet
1Mb / 34P
5 V Drive 240 Outputs TFT-LCD Source Driver
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168B SHARP-LH168B Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
LH168D SHARP-LH168D Datasheet
937Kb / 13P
384 Outputs 64 Gradations TFT-LCD Source Driver
LH168G SHARP-LH168G Datasheet
1Mb / 15P
324 Outputs 64 Gradations TFT-LCD Source Driver
More results


Similar Description - LH168A

ManufacturerPart #DatasheetDescription
logo
NEC
UPD16647 NEC-UPD16647 Datasheet
108Kb / 16P
402/384-OUTPUT TFT-LCD SOURCE DRIVER 64 GRAY SCALE
logo
Sharp Corporation
LH1687 SHARP-LH1687 Datasheet
93Kb / 21P
240-output TFT-LCD Source Driver IC
LH168M SHARP-LH168M Datasheet
109Kb / 17P
384-output TFT-LCD Source Driver IC
LH168R SHARP-LH168R Datasheet
193Kb / 19P
384-output TFT-LCD Source Driver IC
logo
NEC
UPD160010 NEC-UPD160010 Datasheet
321Kb / 19P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040A NEC-UPD160040A Datasheet
180Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061A NEC-UPD160061A Datasheet
586Kb / 18P
384-/360-OUTPUT TFT-LCD SOURCE DRIVER
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com