Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16781 Datasheet (PDF) - NEC

UPD16781 Datasheet PDF - NEC
Part # UPD16781
Download  UPD16781 Download
File Size   115.4 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480 OUTPUT TFT-LCD SOURCE DRIVER

UPD16781 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16781 Datasheet PDF - NEC

Part # UPD16781
Download  UPD16781 Click to download

File Size   115.4 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480 OUTPUT TFT-LCD SOURCE DRIVER

UPD16781 Datasheet (HTML) - NEC


UPD16781 Product details

DESCRIPTION
The µ PD16781 is a source driver for 480-output TFT-LCDs, providing support for only striped pixel array LCD.
The driver consists of a shift register for generating the sampling timing and sample & hold circuits for sampling the analog voltage. The high picture quality obtained by the alternate sample & hold execution of the two types of on-chip sample & hold circuits enables employment in applications such as car navigation panels.

FEATURES
• 5.0 V Drive (Dynamic range 4.6 VP-P, VDD2 = 5.0 V)
• 480 Output channel
• fCLK = 20 MHz MAX. (VDD1 = 3.0 V)
• 1-phase/3-phase sampling clocks supported
• Corresponds only to LCD of Stripe array color filter
• Two on-chip sample-and-hold circuits
• Small output deviation between pins (deviation between chip pins: ±20 mV MAX.)
• Switch between right and left shift using the R,/L pin
• Logic power supply voltage (VDD1): 3.0 to 5.5 V
• Driver power supply voltage(VDD2): 5.0 ± 0.5 V




Similar Part No. - UPD16781

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16781 RENESAS-UPD16781 Datasheet
236Kb / 18P
MOS INTEGRATED CIRCUIT
1999
UPD16781N RENESAS-UPD16781N Datasheet
236Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16781

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0676 SAMSUNG-KS0676 Datasheet
188Kb / 19P
6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
420-OUTPUT TFT-LCD SOURCE DRIVER
UPD160083 NEC-UPD160083 Datasheet
240Kb / 22P
480-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com