Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD160083 Datasheet (PDF) - NEC

UPD160083 Datasheet PDF - NEC
Part # UPD160083
Download  UPD160083 Download
File Size   240.05 Kbytes
Page   22 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480-OUTPUT TFT-LCD SOURCE DRIVER

UPD160083 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD160083 Datasheet PDF - NEC

Part # UPD160083
Download  UPD160083 Click to download

File Size   240.05 Kbytes
Page   22 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 480-OUTPUT TFT-LCD SOURCE DRIVER

UPD160083 Datasheet (HTML) - NEC


UPD160083 Product details

DESCRIPTION
The µ PD160083 is a source driver for TFT-LCDs capable of dealing with displays with 256-gray scales. Data input is based on digital input configured as 8 bits by 3 dots (1 pixel) with double clock edge, which can realize a full-color display of 16,777,216 colors by output of 256 values γ -corrected by an internal D/A converter and 9-by-2 external power modules. Because the output dynamic range is as large as VSS2 + 0.1 V to VDD2 – 0.1 V, level inversion operation of the LCD’s common electrode is rendered unnecessary. Also, to be able to deal with dot-line inversion, n-line inversion and column line inversion when mounted on a single side, this source driver is equipped with a builtin 8-bit D/A converter circuit whose odd output pins and even output pins respectively output gray scale voltages of differing polarity. Assuring a clock frequency of 85 MHz when driving at 3.0 V, this driver is applicable to UXGAstandard (1600× 1200), SXGA-standard (1280× 1024) TFT-LCD panels.

FEATURES
• RSDSTM (Reduced Swing Differential Signaling) interface
• 480 outputs
• Input of 8 bits (gradation data) by 3 dots with double clock edge sampling
• Capable of outputting 256 values by means of 9-by-2 external power modules (18 units) and a D/A converter
• Logic power supply voltage (VDD1): 2.7 to 3.6 V
• Driver power supply voltage (VDD2): 10.5 to 13.5 V
• Output dynamic range: VSS2 + 0.1 V to VDD2 – 0.1 V
• High-speed data transfer: fCLK = 85MHz MAX. (Internal data transfer speed when operating at VDD1 = 3.0 V)
• Apply for dot-line inversion, n-line inversion and column line inversion
• Output Voltage polarity inversion function (POL)
• Input data inversion function (INV)
• ControIable output short function (MODE1 to MODE3)




Similar Part No. - UPD160083

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD160083 RENESAS-UPD160083 Datasheet
410Kb / 25P
MOS INTEGRATED CIRCUIT
2002
UPD160083N-XXX RENESAS-UPD160083N-XXX Datasheet
410Kb / 25P
MOS INTEGRATED CIRCUIT
2002
UPD160083NL-XXX RENESAS-UPD160083NL-XXX Datasheet
410Kb / 25P
MOS INTEGRATED CIRCUIT
2002
More results


Similar Description - UPD160083

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS0676 SAMSUNG-KS0676 Datasheet
188Kb / 19P
6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
S6C0676 SAMSUNG-S6C0676 Datasheet
188Kb / 19P
6 BIT 480 CHANNEL TFT-LCD SOURCE DRIVER
logo
NEC
UPD16635 NEC-UPD16635 Datasheet
136Kb / 19P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040 NEC-UPD160040 Datasheet
157Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160040B NEC-UPD160040B Datasheet
156Kb / 19P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160061 NEC-UPD160061 Datasheet
230Kb / 18P
384-OUTPUT TFT-LCD SOURCE DRIVER
UPD160062 NEC-UPD160062 Datasheet
217Kb / 18P
420-OUTPUT TFT-LCD SOURCE DRIVER
UPD161830 NEC-UPD161830 Datasheet
232Kb / 23P
240-OUTPUT TFT-LCD SOURCE DRIVER
UPD16781 NEC-UPD16781 Datasheet
115Kb / 16P
480 OUTPUT TFT-LCD SOURCE DRIVER
logo
Renesas Technology Corp
PD16781 RENESAS-PD16781_15 Datasheet
237Kb / 18P
480 OUTPUT TFT-LCD SOURCE DRIVER
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com