Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RV4L Datasheet (PDF) - Vishay Siliconix

RV4L Datasheet PDF - Vishay Siliconix
Part # RV4L
Download  RV4L Download
File Size   113.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life / Heavy Duty Potentiometer

RV4L Datasheet (PDF)

Go To PDF Page Download Datasheet
RV4L Datasheet PDF - Vishay Siliconix

Part # RV4L
Download  RV4L Click to download

File Size   113.68 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Long Life / Heavy Duty Potentiometer

RV4L Datasheet (HTML) - Vishay Siliconix


RV4L Product details

• High power rating 2 W at 70 °C
• Sealed up to IP 67
• Low contact resistance variation (2 % typical)
• Robust nickel plated brass shaft
• Use of faston 2.86 connections
• Cermet element
• Center detent option
• Test according to IEC 60393-1
• Long life ≥ 200K cycle




Similar Part No. - RV4L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
logo
Rohm
RV4L016SNHZG ROHM-RV4L016SNHZG Datasheet
5Mb / 14P
Nch 60V 1.6A Small Signal MOSFET
20251106 - Rev.003
logo
List of Unclassifed Man...
RV4LAYSA103A ETC2-RV4LAYSA103A Datasheet
92Kb / 1P
SINGLE TURN POTENTIOMETER
RV4LAYSA103A ETC1-RV4LAYSA103A Datasheet
272Kb / 3P
SINGLE TURN POTENTIOMETER
12-7-07
RV4LAYSA153A ETC2-RV4LAYSA153A Datasheet
152Kb / 3P
Precision Series K - 2 Watt 1/4 shaft diameter
More results


Similar Description - RV4L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
P30L VISHAY-P30L Datasheet
133Kb / 5P
Long Life Potentiometer - 1 Million Cycles Heavy Duty - Cermet Fully Sealed
04-Sep-08
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
logo
Bourns Electronic Solut...
2028-23 BOURNS-2028-23 Datasheet
162Kb / 2P
Long Life Heavy-Duty 3-Electrode Gas Discharge Tube
PDF24 BOURNS-PDF24 Datasheet
486Kb / 2P
24 mm Long Life Potentiometer
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
04-Jul-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Vishay Siliconix
P30L VISHAY-P30L_V01 Datasheet
150Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
25-Jul-2022
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com