Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF24 Datasheet (PDF) - Bourns Electronic Solutions

PDF24 Datasheet PDF - Bourns Electronic Solutions
Part # PDF24
Download  PDF24 Download
File Size   486.12 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 24 mm Long Life Potentiometer

PDF24 Datasheet (PDF)

Go To PDF Page Download Datasheet
PDF24 Datasheet PDF - Bourns Electronic Solutions

Part # PDF24
Download  PDF24 Click to download

File Size   486.12 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 24 mm Long Life Potentiometer

PDF24 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PDF24

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PDF-1000 TTELEC-PDF-1000 Datasheet
291Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1000W
08/06/2020
PDF-1200 TTELEC-PDF-1200 Datasheet
286Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1200W
08/06/2020
PDF-1200-24 TTELEC-PDF-1200-24 Datasheet
286Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1200W
08/06/2020
logo
Toppower Electronic Tec...
PDF-1200-24S TOPPOWER-PDF-1200-24S Datasheet
792Kb / 5P
1200W wide input AC/DC switching power supply
PDF-1200-36S TOPPOWER-PDF-1200-36S Datasheet
792Kb / 5P
1200W wide input AC/DC switching power supply
More results


Similar Description - PDF24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
PDA24 - 24 mm Long Life Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
04-Jul-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com