Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF24 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PDF24
Description  24 mm Long Life Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDF24 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PDF24 Datasheet HTML 1Page - Bourns Electronic Solutions PDF24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsandactualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
PDF24-24mmLongLifePotentiometer
01/18
Tapers
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Rotational Travel (%)
(10A):
A2
(15A):
A3
B0 Taper
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Rotational Travel (%)
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Rotational Travel (%)
(10A):
A2
(15A):
A3
B0 Taper
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
Rotational Travel (%)
How To Order
PDF24 1 - S 4 20 F - 103 B0
Model
Number of Units
1 = Single
Orientation
S = Solder Lugs
Down Facing
Detents
4 = No Detents
Shaft Length (FMS)
20 = 20 mm
25 = 25 mm
30 = 30 mm
35 = 35 mm
40 = 40 mm*
Shaft Type
F = Flatted Shaft
S = Slotted Shaft
Resistance Code (See Table)
Resistance Taper (See Taper Charts)
* Available in slotted shaft style only.
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 520 390 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com