Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDF24 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PDF24
Description  24 mm Long Life Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PDF24 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PDF24 Datasheet HTML 1Page - Bourns Electronic Solutions PDF24 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
n
Longlifecarbonelement
n
Plainorslottedshaftoption
n
Anti-rotationpin
n
Metalshaft
n
Audioorlineartaperoptions
n
Varietyofresistancevalues
n
RoHScompliant*
Applications
n
Medicaldiagnosticequipment**
n
Testandmeasurementequipment
n
Avionicscontrols
n
Communicationsequipment
n
Medicallaboratoryequipment**
PDF24-24mmLongLifePotentiometer
*RoHSDirective2015/863,Mar31,2015andAnnex.
**ExcludingFDAClassIIIdevicesandgenerallyequivalentclassificationoutsideoftheUnitedStates.
Specificationsaresubjecttochangewithoutnotice.
Thedevicecharacteristicsandparametersinthisdatasheetcananddovaryindifferentapplicationsand
actualdeviceperformancemayvaryovertime.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Electrical Characteristics
Taper...................................Audio, linear
Standard Resistance ......1K to 1M ohms
Standard Resistance Tolerance....±10 %
Linearity..........................................±3 %
Environmental Characteristics
Operating Temperature...-10 °C to +85 °C
Power Rating
Linear Taper ........................... 0.5 watt
Audio Taper.......................... 0.25 watt
Maximum Operating Voltage
Linear and Audio Taper ........ 200 VDC
Sliding Noise
Linear .............................100 mV max.
Other Tapers ..................200 mV max.
IP Rating**.......................................IP40
Moisture Sensitivity Level.....................1
ESD Classification (HBM).................N/A
**Please consult factory for other options.
Mechanical Characteristics
Mechanical Angle .................300 ° ±10 °
Rotational Torque ...............5 to 70 g-cm
Stop Strength..................... 9 kg-cm min.
Rotational Life
.................1,000,000 shaft revolutions
Soldering Condition
Manual Soldering
........350 °C ± 10 °C for 3.5 ± 0.5 sec.
Hardware................One flat washer and
mounting nut supplied per
potentiometer with bushing
Product Dimensions
Circuit
Derating Curve
Ambient Temperature (°C)
20
40 50 60 70 80 90 100
30
10
0
20
33
40
60
80
100
0
6.40
(.252)
6.40
(.252)
SHAFT SHOWN IN
FULL CCW POSITION
6.40
(.252)
6.40
(.252)
2.10
(.083)
DIA.
1
2
3
1
2
3
3.70
(.146)
2.00
(.079)
1
2.00
(.079)
PLAIN
SHAFT
6.35
(.250)
DIA.
24.20
(.953)
DIA.
24.20
(.953)
DIA.
10.00
(.394)
24.20
(.953) DIA.
9.50
(.374)
3/8 ” NEF
3.70
(.146)
3/8 ” NEF
CO.5 X 2
CO.85
12.80
(.504)
19.00
(.748)
2
3
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
UNDER
=
10.0
(.394)
TOLERANCES:
±0.3
(±.012)
=
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)
9.50
(.374)
9.50
(.374)
3.70
(.146)
6.00
(.236)
12.80
(.504)
1.50
(.059)
12.10
(.476)
12.10
(.476)
6.40
(.252)
6.40
(.252)
SHAFT SHOWN IN
FULL CCW POSITION
12.10
(.476)
12.10
(.476)
30 °
6.40
(.252)
6.40
(.252)
2.10
(.083)
DIA.
3.70
(.146)
2.00
(.079)
2.00
(.079)
10.00
(.394)
24.20
(.953) DIA.
KNURLED
SHAFT
6.00
(.236)
DIA.
6.00
(.236)
DIA.
1.00
(.039)
10.0
(.394)
10.0 ± 0.2
(.394 ± .008)
30 °
FULL CCW POSITION
2.8 ± 0.1
(.110 ± .004)
DIA.
10.0
(.394)
13.0
(.512)
DIA.
9.3 +0.2/-0
(.366 +.008/-0)
DIA.
3.5 +0.2/-0
(.138 +.008/-0)
3.0 ± 0.5
(.118 ± .020)
5.0 ± 0.5
(.197 ± .020)
5.0 ± 0.5
(.197 ± .020)
2.5
(.098)
1.8 ± 0.2
(.071 ± .008)
0.75
(.030)
M9xP
0.5
(.020)
0.5
(.020)
0.5
(.020)
C
11.5
(.453)
4.5
(.177)
3
12.5 ± 0.5
(.492 ± .020)
20.0 ± 1.0
(.787 ± .039)
23.0
(.906)
DIA.
1.2 ± 0.1
(.047 ± .004)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
MARKING
13XX
2
1
L ± 1.0
(L ± .039)
30 °
FULL CCW POSITION
FULL CCW POSITION
30 °
10.0
(.394)
F
0.5
(.020)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
L
SLOTTED
SHAFT
FLATTED
SHAFT
Shaft Types
F-Type
S-Type
Recommended Pad Layout
10.0
(.394)
10.0 ± 0.2
(.394 ± .008)
30 °
FULL CCW POSITION
2.8 ± 0.1
(.110 ± .004)
DIA.
10.0
(.394)
13.0
(.512)
DIA.
9.3 +0.2/-0
(.366 +.008/-0)
DIA.
3.5 +0.2/-0
(.138 +.008/-0)
3.0 ± 0.5
(.118 ± .020)
5.0 ± 0.5
(.197 ± .020)
5.0 ± 0.5
(.197 ± .020)
2.5
(.098)
1.8 ± 0.2
(.071 ± .008)
0.75
(.030)
M9xP
0.5
(.020)
0.5
(.020)
0.5
(.020)
C
11.5
(.453)
4.5
(.177)
3
12.5 ± 0.5
(.492 ± .020)
20.0 ± 1.0
(.787 ± .039)
23.0
(.906)
DIA.
1.2 ± 0.1
(.047 ± .004)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
MARKING
13XX
2
1
L ± 1.0
(L ± .039)
30 °
FULL CCW POSITION
FULL CCW POSITION
30 °
10.0
(.394)
F
0.5
(.020)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
L
SLOTTED
SHAFT
FLATTED
SHAFT
10.0
(.394)
10.0 ± 0.2
(.394 ± .008)
30 °
FULL CCW POSITION
2.8 ± 0.1
(.110 ± .004)
DIA.
10.0
(.394)
13.0
(.512)
DIA.
9.3 +0.2/-0
(.366 +.008/-0)
DIA.
3.5 +0.2/-0
(.138 +.008/-0)
3.0 ± 0.5
(.118 ± .020)
5.0 ± 0.5
(.197 ± .020)
5.0 ± 0.5
(.197 ± .020)
2.5
(.098)
1.8 ± 0.2
(.071 ± .008)
0.75
(.030)
M9xP
0.5
(.020)
0.5
(.020)
0.5
(.020)
C
11.5
(.453)
4.5
(.177)
3
12.5 ± 0.5
(.492 ± .020)
20.0 ± 1.0
(.787 ± .039)
23.0
(.906)
DIA.
1.2 ± 0.1
(.047 ± .004)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
MARKING
13XX
2
1
L ± 1.0
(L ± .039)
30 °
FULL CCW POSITION
FULL CCW POSITION
30 °
10.0
(.394)
F
0.5
(.020)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
L
SLOTTED
SHAFT
FLATTED
SHAFT
10.0
(.394)
10.0 ± 0.2
(.394 ± .008)
30 °
FULL CCW POSITION
2.8 ± 0.1
(.110 ± .004)
DIA.
10.0
(.394)
13.0
(.512)
DIA.
9.3 +0.2/-0
(.366 +.008/-0)
DIA.
3.5 +0.2/-0
(.138 +.008/-0)
3.0 ± 0.5
(.118 ± .020)
5.0 ± 0.5
(.197 ± .020)
5.0 ± 0.5
(.197 ± .020)
2.5
(.098)
1.8 ± 0.2
(.071 ± .008)
0.75
(.030)
M9xP
0.5
(.020)
0.5
(.020)
0.5
(.020)
C
11.5
(.453)
4.5
(.177)
3
12.5 ± 0.5
(.492 ± .020)
20.0 ± 1.0
(.787 ± .039)
23.0
(.906)
DIA.
1.2 ± 0.1
(.047 ± .004)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
MARKING
13XX
2
1
L ± 1.0
(L ± .039)
30 °
FULL CCW POSITION
FULL CCW POSITION
30 °
10.0
(.394)
F
0.5
(.020)
6.35 +0.03/-0.05
(.250 +.001/-.002)
DIA.
L
SLOTTED
SHAFT
FLATTED
SHAFT
L
20
(.787)
25
(.984)
30
(1.181)
35
(1.378)
40
(1.575)
S-Type
L
20
(.787)
25
(.984)
30
(1.181)
35
(1.378)
F
7
(.276)
7
(.276)
12
(.472)
12
(.472)
F-Type
DIMENSIONS:
MM
(INCHES)


Similar Part No. - PDF24

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PDF-1000 TTELEC-PDF-1000 Datasheet
291Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1000W
08/06/2020
PDF-1200 TTELEC-PDF-1200 Datasheet
286Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1200W
08/06/2020
PDF-1200-24 TTELEC-PDF-1200-24 Datasheet
286Kb / 2P
AC/DC ENCLOSED POWER SUPPLY 1200W
08/06/2020
logo
Toppower Electronic Tec...
PDF-1200-24S TOPPOWER-PDF-1200-24S Datasheet
792Kb / 5P
1200W wide input AC/DC switching power supply
PDF-1200-36S TOPPOWER-PDF-1200-36S Datasheet
792Kb / 5P
1200W wide input AC/DC switching power supply
More results

Similar Description - PDF24

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA24 BOURNS-PDA24 Datasheet
307Kb / 2P
PDA24 - 24 mm Long Life Potentiometer
PTF45-152A-103B2 BOURNS-PTF45-152A-103B2 Datasheet
544Kb / 7P
PTF Series Long Life Slide Potentiometer
logo
Grayhill, Inc
68P GRAYHILL-68P Datasheet
905Kb / 2P
Long Life Potentiometer Substitute
logo
Vishay Siliconix
P10L VISHAY-P10L_17 Datasheet
105Kb / 5P
Long Life Potentiometer - 500 000 Cycles Miniature - Cermet - Fully Sealed
04-Jul-17
P11L VISHAY-P11L Datasheet
216Kb / 13P
Long Life Cermet Potentiometer 2 Million Cycles
04-Jul-17
P13L VISHAY-P13L Datasheet
152Kb / 7P
Long Life Cermet Potentiometer up to 2 Million Cycles
04-Jul-17
P30L VISHAY-P30L_17 Datasheet
158Kb / 6P
Long Life Potentiometer - 2 Million Cycles, Heavy Duty - Cermet, Fully Sealed
04-Jul-17
logo
Bourns Electronic Solut...
PTF BOURNS-PTF Datasheet
544Kb / 7P
Long Life Slide Potentiometer
logo
Vishay Siliconix
RV4L VISHAY-RV4L Datasheet
113Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
RV4L VISHAY-RV4L_V01 Datasheet
95Kb / 5P
Long Life / Heavy Duty Potentiometer
16-Mar-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com