Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8191 Datasheet (PDF) - Analog Devices

HMC8191 Datasheet PDF - Analog Devices
Part # HMC8191
Download  HMC8191 Download
File Size   871.39 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 26.5 GHz, Wideband I/Q Mixer

HMC8191 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8191 Datasheet PDF - Analog Devices

Part # HMC8191
Download  HMC8191 Click to download

File Size   871.39 Kbytes
Page   44 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 6 GHz to 26.5 GHz, Wideband I/Q Mixer

HMC8191 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC8191

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8192LGTR AD-HMC8192LGTR Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
HMC8193LC4 AD-HMC8193LC4 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
HMC8193LC4TR AD-HMC8193LC4TR Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
More results


Similar Description - HMC8191

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC520LC4 HITTITE-HMC520LC4 Datasheet
288Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
HMC526 HITTITE-HMC526 Datasheet
302Kb / 6P
GaAs MMIC I/Q MIXER 6 - 10 GHz
logo
Custom MMIC Design Serv...
CMD182 MMIC-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
CMD182C4 MMIC-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
logo
Analog Devices
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
HMC8193 AD-HMC8193 Datasheet
577Kb / 36P
2.5 GHz to 8.5 GHz, I/Q Mixer
5/2018-Rev. A to Rev. B
logo
Qorvo, Inc
CMD182C4 QORVO-CMD182C4 Datasheet
245Kb / 11P
6-10 GHz I/Q Mixer
CMD182 QORVO-CMD182 Datasheet
213Kb / 11P
6-10 GHz I/Q Mixer
QPX0001 QORVO-QPX0001 Datasheet
445Kb / 14P
6-26 GHz I/Q Mixer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com