Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC8193 Datasheet (PDF) - Analog Devices

HMC8193 Datasheet PDF - Analog Devices
Part # HMC8193
Download  HMC8193 Download
File Size   577.66 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GHz to 8.5 GHz, I/Q Mixer

HMC8193 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC8193 Datasheet PDF - Analog Devices

Part # HMC8193
Download  HMC8193 Click to download

File Size   577.66 Kbytes
Page   36 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 GHz to 8.5 GHz, I/Q Mixer

HMC8193 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC8193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC8191 AD-HMC8191 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4 AD-HMC8191LC4 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR AD-HMC8191LC4TR Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8191LC4TR-R5 AD-HMC8191LC4TR-R5 Datasheet
871Kb / 44P
6 GHz to 26.5 GHz, Wideband I/Q Mixer
8/2019-Rev. B to Rev. C
HMC8192LG AD-HMC8192LG Datasheet
885Kb / 40P
20 GHz to 42 GHz, Wideband I/Q Mixer
11/2019-Revision 0
More results


Similar Description - HMC8193

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC521 HITTITE-HMC521 Datasheet
310Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC521LC4 HITTITE-HMC521LC4 Datasheet
289Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC525 HITTITE-HMC525 Datasheet
315Kb / 6P
GaAs MMIC I/Q MIXER 4.0 - 8.5 GHz
HMC527 HITTITE-HMC527 Datasheet
297Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527 HITTITE-HMC527_09 Datasheet
228Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
HMC527LC4 HITTITE-HMC527LC4_09 Datasheet
206Kb / 6P
GaAs MMIC I/Q MIXER 8.5 - 13.5 GHz
logo
Analog Devices
HMC525ACHIPS AD-HMC525ACHIPS Datasheet
581Kb / 27P
4 GHz to 8.5 GHz, Wideband I/Q Mixer
10/2020-Revision 0
HMC521ACHIPS AD-HMC521ACHIPS Datasheet
660Kb / 25P
8.5 GHz to 13.5 GHz, GaAs, MMIC, I/Q Mixer
10/2019-Revision 0
HMC525ALC4 AD-HMC525ALC4 Datasheet
498Kb / 28P
4 GHz to 8.5 GHz, GaAs, MMIC, I/Q Mixer
5/2018-Rev. 0 to Rev. A
logo
Qorvo, Inc
QPX0002 QORVO-QPX0002 Datasheet
428Kb / 14P
2.5-15 GHz I/Q Mixer
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com