Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG211B Datasheet (PDF) - Vishay Siliconix

DG211B Datasheet PDF - Vishay Siliconix
Part # DG211B
Download  DG211B Download
File Size   92.27 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad CMOS Analog Switches

DG211B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG211B Datasheet PDF - Vishay Siliconix

Part # DG211B
Download  DG211B Click to download

File Size   92.27 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad CMOS Analog Switches

DG211B Datasheet (HTML) - Vishay Siliconix


DG211B Product details

DESCRIPTION

The DG211B, DG212B analog switches are highly improved versions of the industry-standard DG211, DG212. These devices are fabricated in VishaySiliconix’ proprietary silicon gate CMOS process, resulting in lower on-resistance, lower leakage, higher speed, and lower power consumption.



FEATURES

• ± 22 V supply voltage rating

• TTL and CMOS compatible logic

• Low on-resistance - RDS(on): 50Ω

• Low leakage - ID(on): 20 pA

• Single supply operation possible

• Extended temperature range

• Fast switching - tON: 120 ns

• Low charge injection - Q: 1 pC




Similar Part No. - DG211B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG211B VISHAY-DG211B Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG211B VISHAY-DG211B Datasheet
239Kb / 14P
Improved Quad CMOS Analog Switches
07-Feb-11
DG211BDJ VISHAY-DG211BDJ Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG211BDJ-E3 VISHAY-DG211BDJ-E3 Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG211BDJ-E3. VISHAY-DG211BDJ-E3. Datasheet
239Kb / 14P
Improved Quad CMOS Analog Switches
07-Feb-11
More results


Similar Description - DG211B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201B VISHAY-DG201B Datasheet
96Kb / 9P
Improved Quad CMOS Analog Switches
06-Sep-99
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
Improved Quad CMOS Analog Switches
14-Jul-97
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
Improved Quad CMOS Analog Switches
25-Jun-07
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
Improved Quad CMOS Analog Switches
28-Feb-11
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
Improved Quad CMOS Analog Switches
19-Mar-12
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
Improved Quad CMOS Analog Switches
07-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com