Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet (PDF) - Vishay Siliconix

DG201B Datasheet PDF - Vishay Siliconix
Part # DG201B
Download  DG201B Download
File Size   96.7 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad CMOS Analog Switches

DG201B Datasheet (PDF)

Go To PDF Page Download Datasheet
DG201B Datasheet PDF - Vishay Siliconix

Part # DG201B
Download  DG201B Click to download

File Size   96.7 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Improved Quad CMOS Analog Switches

DG201B Datasheet (HTML) - Vishay Siliconix


DG201B Product details

DESCRIPTION
The DG201B, DG202B analog switches are highly improved versions of the industry-standard DG201A, DG202. These devices are fabricated in Vishay Siliconix’ proprietary silicon gate CMOS process, resulting in lower on-resistance, lower leakage, higher speed, and lower power consumption.
These quad single-pole single-throw switches are designed for a wide variety of applications in telecommunications, instrumentation, process control, computer peripherals, etc. An improved charge injection compensation design minimizes switching transients. The DG201B and DG202B can handle up to ± 22 V input signals, and have an improved continuous current rating of 30 mA. An epitaxial layer prevents latchup.
All devices feature true bi-directional performance in the on condition, and will block signals to the supply voltages in the off condition.
The DG201B is a normally closed switch and the DG202B is a normally open switch. (see Truth Table.)

FEATURES
• ± 22 V supply voltage rating
• TTL and CMOS compatible logic
• Low on-resistance - RDS(on): 45 Ω
• Low leakage - ID(on): 20 pA
• Single supply operation possible
• Extended temperature range
• Fast switching - tON: 120 ns
• Low glitching - Q: 1 pC
• Compliant to RoHS Directive 2002/95/EC

BENEFITS
• Wide analog signal range
• Simple logic interface
• Higher accuracy
• Minimum transients
• Reduced power consumption
• Superior to DG201A, DG202
• Space savings (TSSOP)

APPLICATIONS
• Industrial instrumentation
• Test equipment
• Communications systems
• Disk drives
• Computer peripherals
• Portable instruments
• Sample-and-hold circuits




Similar Part No. - DG201B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG201B VISHAY-DG201B Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
DG201B VISHAY-DG201B Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG201B VISHAY-DG201B Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG201BAK VISHAY-DG201BAK Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG201BDJ VISHAY-DG201BDJ Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
More results


Similar Description - DG201B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG309B VISHAY-DG309B Datasheet
117Kb / 8P
Improved Quad CMOS Analog Switches
14-Jul-97
DG211B VISHAY-DG211B Datasheet
92Kb / 8P
Improved Quad CMOS Analog Switches
24-Apr-00
DG201B VISHAY-DG201B_08 Datasheet
137Kb / 10P
Improved Quad CMOS Analog Switches
11-Jun-07
DG308B VISHAY-DG308B Datasheet
132Kb / 10P
Improved Quad CMOS Analog Switches
25-Jun-07
DG201B VISHAY-DG201B_11 Datasheet
226Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_11 Datasheet
177Kb / 13P
Improved Quad CMOS Analog Switches
07-Feb-11
DG308B VISHAY-DG308B_11 Datasheet
196Kb / 15P
Improved Quad CMOS Analog Switches
28-Feb-11
DG201BMIL VISHAY-DG201BMIL Datasheet
176Kb / 12P
Improved Quad CMOS Analog Switches
19-Mar-12
DG201B VISHAY-DG201B_V01 Datasheet
278Kb / 15P
Improved Quad CMOS Analog Switches
25-Apr-11
DG211B VISHAY-DG211B_V01 Datasheet
239Kb / 14P
Improved Quad CMOS Analog Switches
07-Feb-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com