Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG201B
Description  Improved Quad CMOS Analog Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG201B Datasheet(HTML) 3 Page - Vishay Siliconix

  DG201B Datasheet HTML 1Page - Vishay Siliconix DG201B Datasheet HTML 2Page - Vishay Siliconix DG201B Datasheet HTML 3Page - Vishay Siliconix DG201B Datasheet HTML 4Page - Vishay Siliconix DG201B Datasheet HTML 5Page - Vishay Siliconix DG201B Datasheet HTML 6Page - Vishay Siliconix DG201B Datasheet HTML 7Page - Vishay Siliconix DG201B Datasheet HTML 8Page - Vishay Siliconix DG201B Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DG201B/202B
Vishay Siliconix
Document Number: 70037
S-52433—Rev. G, 06-Sep-99
www.vishay.com
S FaxBack 408-970-5600
4-3
SPECIFICATIONSa
Test Conditions
Unless Specified
A Suffix
–55 to 125
_C
D Suffix
–40 to 85
_C
Parameter
Symbol
V+ = 15 V, V– = –15 V
VIN = 2.4 V, 0.8 Vf
Tempb
Typc
Mind
Maxd Mind
Maxd
Unit
Analog Switch
Analog Signal Rangee
VANALOG
Full
-15
15
-15
15
V
Drain-Source On-Resistance
rDS(on)
VD = "10 V, IS = 1 mA
Room
Full
45
85
100
85
100
W
rDS(on) Match
DrDS(on)
DS
Room
2
Source Off Leakage Current
IS(off)
VS = "14 V, VD = #14 V
Room
Full
"0.01
-0.5
-20
0.5
20
–0.5
–5
0.5
5
A
Drain Off Leakage Current
ID(off)
VD = "14 V, VS = #14 V
Room
Full
"0.01
-0.5
-20
0.5
20
-0.5
-5
0.5
5
nA
Drain On Leakage Current
ID(on)
VS = VD = "14 V
Room
Full
"0.02
-0.5
-40
0.5
40
-0.5
-10
0.5
10
Digital Control
Input Voltage High
VINH
Full
2.4
2.4
V
Input Voltage Low
VINL
Full
0.8
0.8
V
Input Current
IINH or IINL
VINH or VINL
Full
–
1
1
–
1
1
mA
Input Capacitance
CIN
Room
5
pF
Dynamic Characteristics
Turn-On Time
tON
VS = 2 V
S
S it hi
Ti
T
t Ci
it
Room
Full
120
300
300
ns
Turn-Off Time
tOFF
S
See Switching Time Test Circuit
Room
Full
65
200
200
ns
Charge Injection
Q
CL = 1000 pF, Vg = 0 V
Rg = 0 W
Room
1
pC
Source-Off Capacitance
CS(off)
VS = 0 V, f = 1 MHz
Room
5
F
Drain-Off Capacitance
CD(off)
VS = 0 V, f = 1 MHz
Room
5
pF
Channel On Capacitance
CD(on)
VD = VS = 0 V, f = 1 MHz
Room
16
Off Isolation
OIRR
CL = 15 pF, RL = 50 W
Room
90
dB
Channel-to-Channel
Crosstalk
XTALK
CL = 15 pF, RL = 50 W
VS = 1 VRMS, f = 100 kHz
Room
95
dB
Power Supply
Positive Supply Current
I+
VIN =0or5V
Room
Full
50
100
50
100
mA
Negative Supply Current
I–
VIN = 0 or 5 V
Room
Full
-1
-5
-1
-5
mA
Power Supply Range for
Continuous Operation
VOP
Full
"
4.5
"
22
"
4.5
"
22
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com