Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC920 Datasheet (PDF) - Microchip Technology

MIC920 Datasheet PDF - Microchip Technology
Part # MIC920
Download  MIC920 Download
File Size   928.32 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 80 MHz Low-Power SC70 Op Amp

MIC920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC920 Datasheet PDF - Microchip Technology

Part # MIC920
Download  MIC920 Click to download

File Size   928.32 Kbytes
Page   24 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 80 MHz Low-Power SC70 Op Amp

MIC920 Datasheet (HTML) - Microchip Technology




Similar Part No. - MIC920

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BC5 MICREL-MIC920BC5 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BC5 MICREL-MIC920BC5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BM5 MICREL-MIC920BM5 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BM5 MICREL-MIC920BM5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
More results


Similar Description - MIC920

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
logo
Micrel Semiconductor
MIC923 MICREL-MIC923 Datasheet
358Kb / 11P
410MHz Low-Power SC70 Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
logo
Micrel Semiconductor
MIC923 MICREL-MIC923_06 Datasheet
1,007Kb / 11P
410MHz Low-Power SC70 Op Amp
logo
Analog Devices
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com