Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC920 Datasheet (PDF) - Micrel Semiconductor

MIC920 Datasheet PDF - Micrel Semiconductor
Part # MIC920
Download  MIC920 Download
File Size   161.99 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 80MHz Low-Power SC-70 Op Amp

MIC920 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC920 Datasheet PDF - Micrel Semiconductor

Part # MIC920
Download  MIC920 Click to download

File Size   161.99 Kbytes
Page   11 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description 80MHz Low-Power SC-70 Op Amp

MIC920 Datasheet (HTML) - Micrel Semiconductor


MIC920 Product details

General Description
The MIC920 is a high-speed operational amplifier with a gain-bandwidth product of 80MHz. The part is unity gain stable. It has a very low 550µA supply current, and features the SC-70 package.

Features
• 80MHz gain bandwidth product
• 115MHz –3dB bandwidth
• 550µA supply current
• SC-70 or SOT-23-5 packages
• 3000V/µs slew rate
• Drives any capacitive load
• Unity gain stable

Applications
• Video
• Imaging
• Ultrasound
• Portable equipment
• Line drivers




Similar Part No. - MIC920

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC920 MICROCHIP-MIC920 Datasheet
928Kb / 24P
80 MHz Low-Power SC70 Op Amp
05/14/19
logo
Micrel Semiconductor
MIC920BC5 MICREL-MIC920BC5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BM5 MICREL-MIC920BM5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920YC5 MICREL-MIC920YC5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
logo
Microchip Technology
MIC920YC5-TR MICROCHIP-MIC920YC5-TR Datasheet
928Kb / 24P
80 MHz Low-Power SC70 Op Amp
05/14/19
More results


Similar Description - MIC920

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1800 LINER-LT1800 Datasheet
266Kb / 16P
80MHz, 25V/ms Low Power Rail-to-Rail Input and Output Precision Op Amp
logo
Micrel Semiconductor
MIC921 MICREL-MIC921 Datasheet
161Kb / 11P
45MHz Low-Power SC-70 Op Amp
MIC918 MICREL-MIC918 Datasheet
47Kb / 7P
51MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC922 MICREL-MIC922 Datasheet
277Kb / 12P
230MHz Low-Power SC-70 Op Amp
MIC919 MICREL-MIC919 Datasheet
47Kb / 7P
27MHz Low-Power SOT-23-5/SC-70 Op Amp
MIC920 MICREL-MIC920_06 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC921 MICREL-MIC921_06 Datasheet
1Mb / 11P
45MHz Low-Power SC-70 Op Amp
MIC922 MICREL-MIC922_06 Datasheet
659Kb / 11P
230MHz Low-Power SC-70 Op Amp
logo
Linear Technology
LT1800 LINER-LT1800_15 Datasheet
284Kb / 18P
80MHz, 25V/s Low Power Rail-to-Rail Input and Output Precision Op Amp
logo
Texas Instruments
OPA358 TI1-OPA358 Datasheet
854Kb / 18P
3V Single-Supply 80MHz High-Speed Op Amp
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com