Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC641ALC4 Datasheet (PDF) - Analog Devices

HMC641ALC4 Datasheet PDF - Analog Devices
Part # HMC641ALC4
Download  HMC641ALC4 Download
File Size   466.56 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz

HMC641ALC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC641ALC4 Datasheet PDF - Analog Devices

Part # HMC641ALC4
Download  HMC641ALC4 Click to download

File Size   466.56 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz

HMC641ALC4 Datasheet (HTML) - Analog Devices




Similar Part No. - HMC641ALC4

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
HMC641ALP4ETR AD-HMC641ALP4ETR Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
More results


Similar Description - HMC641ALC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC344LH5 HITTITE-HMC344LH5 Datasheet
304Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC344LC3 HITTITE-HMC344LC3 Datasheet
249Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC244G16 HITTITE-HMC244G16_06 Datasheet
266Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 4.0 GHz
HMC344 HITTITE-HMC344_06 Datasheet
211Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC-C071 HITTITE-HMC-C071 Datasheet
231Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LC4 HITTITE-HMC641LC4_09 Datasheet
174Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC182S14 HITTITE-HMC182S14_08 Datasheet
204Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 2 GHz
HMC641 HITTITE-HMC641 Datasheet
169Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC641LC4_1007 HITTITE-HMC641LC4_1007 Datasheet
403Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
HMC641LP4E HITTITE-HMC641LP4E Datasheet
629Kb / 6P
GaAs MMIC SP4T NON-REFLECTIVE SWITCH, DC - 20 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com